Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 67Page - NXP Semiconductors PCA9420BS Datasheet HTML 68Page - NXP Semiconductors PCA9420BS Datasheet HTML 69Page - NXP Semiconductors PCA9420BS Datasheet HTML 70Page - NXP Semiconductors PCA9420BS Datasheet HTML 71Page - NXP Semiconductors PCA9420BS Datasheet HTML 72Page - NXP Semiconductors PCA9420BS Datasheet HTML 73Page - NXP Semiconductors PCA9420BS Datasheet HTML 74Page - NXP Semiconductors PCA9420BS Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
13.6 LDO2 (System LDO)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN_LDO2
Input voltage
range
ASYS
2.5
5.5
V
IOUT_LDO2_MAX
Maximum Output
Current
250
mA
IOUT_LDO2_LIMIT[1]
Internal Current
Limit
LDO2_OUT = GND
300
450
600
mA
1.5
2.1
VLDO2_OUT Range
LDO2 output
voltage range
programmable 25mV steps
2.7
3.3
V
VLDO2_OUT
Accuracy
LDO2 Output
Accuracy
Over VIN_LDO2, IOUT,
temperature
-3.5
3.5
%
ΔVLDO2_OUT /
(VLDO2_OUT(NOM) x
ΔVIN_LDO2)
DC Line
regulation
VLDO2_OUT(NOM)+0.5 V < VIN_LDO2 <
5.5 V, IOUT = 250 mA
0.35
%/V
ΔVLDO2_OUT /
(VLDO2_OUT(NOM) x
ΔIOUT)
DC Load
regulation
0 mA < IOUT < 250 mA
0.0065
%/mA
PSRR[1]
Power Supply
Rejection Ratio
40
dB
IIN(LDO2)
Quiescent current IOUT = 0 mA
450
nA
VDROPOUT(LDO2)[2]
Dropout Voltage
IOUT = 100 mA
150
mV
RSTDN(LDO2)
LDO2 Output
Active Discharge
Resistance
150
Ω
Table 85. EC table for LDO2
[1]
Guaranteed by design and characterization; not tested in production.
[2]
Dropout voltage is defined as the input-to-output difference in the predefined load when the output is below 100mV to the nominal regulation voltage.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
71 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com