Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 64 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 60Page - NXP Semiconductors PCA9420BS Datasheet HTML 61Page - NXP Semiconductors PCA9420BS Datasheet HTML 62Page - NXP Semiconductors PCA9420BS Datasheet HTML 63Page - NXP Semiconductors PCA9420BS Datasheet HTML 64Page - NXP Semiconductors PCA9420BS Datasheet HTML 65Page - NXP Semiconductors PCA9420BS Datasheet HTML 66Page - NXP Semiconductors PCA9420BS Datasheet HTML 67Page - NXP Semiconductors PCA9420BS Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
13.2 Battery charger
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
LINEAR CHARGER
VBAT_REG
VBAT regulation voltage range I2C programmable, 20 mV/
step
3.60
4.60
V
IOUT=0 mA to 200 mA;
VIN= 5 V, Tamb=25 °C
-0.75
0.75
%
%VBAT_REG
VBAT_REG Regulation Voltage
Accuracy
IOUT=0 mA to 200 mA; VIN=
5 V, Tamb=-40 °C to +85 °C
-1
1
%
ICHG_CC
Constant charging current
value
I2C programmable,
VBAT_REG > VBAT >
VBAT_LOW; VIN = 5 V
5
315
mA
VBAT_REG > VBAT >
VBAT_LOW; VIN = 5 V
ICHG_CC > 40 mA
-6
+6
%
%ICHG_CC
ICHG_CC Accuracy
ICHG_CC ≤ 40 mA
-12
+12
%
ΔVBAT_REG (HOT)
VBAT_REG reduction in warm
condition
T3 < VTS < T4 in TS
enabled
120
140
160
mV
RDS_ON_VIN_TO_ASYS [1]
RDS_ON between VIN and
ASYS
VIN = 5 V at 50 mA
250
360
mΩ
RDS_ON_ASYS_TO_VBAT [1]
RDS_ON between ASYS and
VBAT
VBAT = 3.8 V at 50 mA
130
175
mΩ
DEAD BATTERY IN PRECHARGE MODE
VBAT_DEAD
Dead battery charge to low
battery charge transition
threshold
[Note: reserve 2-bit MTP
for programmability, 1.
7 V/1.8 V/1.9 V/2.0 V]
1.9
V
%VBAT_DEAD
VBAT_DEAD accuracy
-4.5
+4.5
%
tDGL_BAT_DEAD2LOW
Deglitch time from dead
battery charge to low battery
charge transition
50
µs
ICHG_DEAD
I2C programmable,1 mA/
step
1
63
mA
%ICHG_DEAD
ICHG_DEAD accuracy
VBAT =1 V, ICHG_DEAD
=4 mA
-12
+12
%
LOW BATTERY IN PRECHARGE MODE
VBAT_LOW
Precharge to fast-charge
transition threshold
[Note: reserve 2-bit MTP
for programmability, 2.
3 V/2.4 V/2.5 V/2.6 V]
2.5
V
%VBAT_LOW
VBAT_LOW Accuracy
-3.5
+3.5
%
tDGL_BAT_LOW2CC
Deglitch time on pre-charge
to fast-charge transition
50
µs
ICHG_LOW
I2C programmable,1 mA/
step
1
63
mA
%ICHG_LOW
ICHG_LOW Accuracy
VBAT =2 V, ICHG_DEAD
=8 mA
-10
+10
%
tDGL_BAT_CC2LOW
Deglitch time from fast-
charge to low battery charge
transition
50
ms
TOP-OFF MODE
Table 81. EC table for Linear Charger
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
64 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com