Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 54 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 50Page - NXP Semiconductors PCA9420BS Datasheet HTML 51Page - NXP Semiconductors PCA9420BS Datasheet HTML 52Page - NXP Semiconductors PCA9420BS Datasheet HTML 53Page - NXP Semiconductors PCA9420BS Datasheet HTML 54Page - NXP Semiconductors PCA9420BS Datasheet HTML 55Page - NXP Semiconductors PCA9420BS Datasheet HTML 56Page - NXP Semiconductors PCA9420BS Datasheet HTML 57Page - NXP Semiconductors PCA9420BS Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
00111=1.675 V
10000=1.900 V
11001-11111=2.1 V
01000=1.700 V
10001=1.925 V
Table 63. SW2 default output voltage for mode setting 2...continued
9.5.38 Mode configuration mode setting 2_2 (MODECFG_2_2, address 2Ch)
This register contains mode setting 2, part 2 configuration register. This is a READ AND WRITE register.
Bit
Symbol
Default value Type
Function
7
6
5
4
LDO1_ OUT_2
[3:0]
0100
R/W
LDO1 default output voltage for mode setting 2 (see below).
3
SW1_EN_2
1
R/W
SW1 Enable Control in mode setting 2
0: SW1 disabled
1: SW1 enabled
2
SW2_EN_2
1
R/W
SW2 Enable Control in mode setting 2
0: SW2 disabled
1: SW2 enabled
1
LDO1_EN_2
1
R/W
LDO1 Enable Control in mode setting 2
0: LDO1 disabled
1: LDO1 enabled
0
LDO2_EN_2
1
R/W
LDO2 Enable Control in mode setting 2
0: LDO2 disabled
1: LDO2 enabled
Table 64. MODECFG_2_2 register bit description
0000: 1.700 V
0011: 1.775 V
0110: 1.850 V
1001 to 1111:1.9 V
0001: 1.725 V
0100: 1.800 V
(default)
0111: 1.875 V
0010: 1.750 V
0101: 1.825 V
1000: 1.900 V
Table 65. LDO1 default output voltage for mode setting 2
9.5.39 Mode configuration mode setting 2_3 (MODECFG_2_3, address 2Dh)
This register contains mode setting 2, part 3 configuration register. This is a READ AND WRITE register.
Bit
Symbol
Default value Type
Function
7
6
WD_TIMER_2
[1:0]
00
R/W
Watchdog timer setting in mode setting 2
00: Watchdog Timer Disabled
01: Watchdog Timer = 16 s
10: Watchdog Timer = 32 s
11: Watchdog Timer = 64 s
5
LDO2_OUT_2_
OFFSET
0
R/W
LDO2 output voltage offset selection in mode setting 2
0: LDO2 Output Voltage = LDO2_OUT_2_LSB[4:0] + 0 V
Table 66. MODECFG_2_3 register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
54 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com