Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 20Page - NXP Semiconductors PCA9420BS Datasheet HTML 21Page - NXP Semiconductors PCA9420BS Datasheet HTML 22Page - NXP Semiconductors PCA9420BS Datasheet HTML 23Page - NXP Semiconductors PCA9420BS Datasheet HTML 24Page - NXP Semiconductors PCA9420BS Datasheet HTML 25Page - NXP Semiconductors PCA9420BS Datasheet HTML 26Page - NXP Semiconductors PCA9420BS Datasheet HTML 27Page - NXP Semiconductors PCA9420BS Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Protection reaction
Condition
Triggering point
Overall Device state
Linear charger
DC-DC converters
LDOs
Register contents
ASYS undervoltage ASYS < ASYS_UVLO
RESET
RESET state if ASYS <
VINBAT_HEADROOM
Turned off, restarted
in initial state when
condition goes away
Turned off, restarted
in initial state when
condition goes away
Reset to their default
value
IC overtemperature Chip temperature >
THM_REG
RESET
RESET state
Turned off, restarted
in initial state when
condition goes away
Turned off , restarted
in initial state when
condition goes away
Reset to their default
value. Status available
in register 0x71.
Watchdog timer
expiration
Watchdog counter >
WD_Timer_0 setting
Operational
Depends on the value of n
EN_CHG_IN_WATCHDOG bit
Set to mode 0
Set to mode 0
Maintained. Status
available in register
0x71.
Table 6. Device level protection features...continued
9 I2C-bus interface and register
The PCA9420 implements an I2C-bus target interface to communicate with the host system. The interface
supports Fast Mode plus Fm+ with up to 1 Mbit/s. A detailed description of the I2C-bus specification is given in
UM10204, Rev. 06, 4 April 2014 ,“ I2C-bus specification and user manual”.
Features such as clock-stretching and 10-bit target address are not supported; general call is supported by
default but can be disabled via metal option. Auto increment with address wrap-around is supported as well.
9.1 I2C target address
Following a START condition, the bus controller must send the target address followed by a read or write
operation. The target address of the PCA9420 is shown below:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
1
0
0
0
0
1
0/1
Fixed
Fixed
Fixed
MTP option
Fixed
Fixed
Fixed
R/W
Table 7. I2C target address
Bit 4 should be reserved as MTP option, with its default value set as “0” but can be trimmed to “1” when needed.
9.2 General call and device ID addresses
The device implements two different addresses for general call and device ID.
9.3 Register type
There are four register types used on the device:
• Read and Write (R/W)
• Read Only (R)
• Write Only (W)
• Write and Clear (W/C)
For Write and Clear (W/C), a write to a register with a bit-mask specifies which interrupts to clear.
For example, if the status register shows 8’b0000_1001 as an interrupt status (i.e. interrupt [0] and interrupt [3]
are both set), user may write 8’b0000_1000, meaning the intent is to only clear interrupt [3] (but interrupt [0]
should NOT be “cleared”). If the intent is to clear both interrupts, then the user could write back 8’b0000_1001.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
24 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com