Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 25Page - NXP Semiconductors PCA9420BS Datasheet HTML 26Page - NXP Semiconductors PCA9420BS Datasheet HTML 27Page - NXP Semiconductors PCA9420BS Datasheet HTML 28Page - NXP Semiconductors PCA9420BS Datasheet HTML 29Page - NXP Semiconductors PCA9420BS Datasheet HTML 30Page - NXP Semiconductors PCA9420BS Datasheet HTML 31Page - NXP Semiconductors PCA9420BS Datasheet HTML 32Page - NXP Semiconductors PCA9420BS Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default
value
Type
Function
4
TEMP_PREWARNING_MASK
1
R/W
Die temp pre-warning interrupt mask bit
0: Not Masked
1: Masked
3
THEM_SHDN_MASK
1
R/W
Thermal shutdown interrupt mask bit
0: Not Masked
1: Masked
2
ASYS_PREWARNING_MASK
1
R/W
ASYS Pre-Warning Voltage Interrupt Mask bit
0: Not Masked
1: Masked
1
WD_TIMER_MASK
1
R/W
Watchdog Timer Expiration Interrupt Mask bit
0: Not Masked
1: Masked
0
IN_PWR_MASK
1
R/W
Input Voltage Interrupt Mask bit
0: Not Masked
1: Masked
Table 12. Sub_INT0_Mask bit description...continued
9.5.5 Sub level interrupt_1 (Sub_INT1, address 04h)
The sub-level interrupt register contains flags indicating the second-tier interrupt event. For this register,
it contains battery charger related interrupt events. Any of the interrupt sources of this register trigger the
CHG_INT bit on the TOP_INT register as long as they are unmasked on the Sub_INT1_Mask register.
This is WRITE AND CLEAR register.
Bit
Symbol
Default value Type
Function
7
RSVD
0
W/C
Reserved bit
6
ICHG_DEAD_TIMER_INT
0
W/C
Dead charge timer expiration Interrupt
0: The dead charge timer expiration has not happened
since last time this bit was cleared
1: The dead charge timer expiration has happened since
last time this bit was cleared
For more details, see Figure 10
5
VIN_ILIM
0
W/C
Input Current Limit Interrupt
0: no Input current limit has been triggered since the last
time this bit is cleared;
1: input current limit event is triggered since last time this bit
is cleared.
4
ICHG_FAST_TIMER
0
W/C
Fast Charging Timer Expiration Interrupt
0: The fast charging timer expiration has not happened
since the last time this bit was cleared.
1: The fast charging timer expiration has happened since
the last time this bit was cleared.
3
ICHG_PREQ_TIMER
0
W/C
Pre-qualification Charging Timer Expiration Interrupt
0: The pre-qual charging timer expiration has not happened
since the last time this bit was cleared.
Table 13. Sub_INT1 register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
29 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com