Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 40Page - NXP Semiconductors PCA9420BS Datasheet HTML 41Page - NXP Semiconductors PCA9420BS Datasheet HTML 42Page - NXP Semiconductors PCA9420BS Datasheet HTML 43Page - NXP Semiconductors PCA9420BS Datasheet HTML 44Page - NXP Semiconductors PCA9420BS Datasheet HTML 45Page - NXP Semiconductors PCA9420BS Datasheet HTML 46Page - NXP Semiconductors PCA9420BS Datasheet HTML 47Page - NXP Semiconductors PCA9420BS Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type
Function
7
TS_STATUS
0
R
0: TS_DETAIL_STATUS [2:0] = 000. Battery temp is normal, no impact
on normal charging.
1: TS_DETAIL_STATUS [2:0] ≠ 000.
6
5
4
TS_DETAIL_
STATUS
[2:0]
000
R
000: Battery Temperature Nominal, T2 ≤ T ≤ T3
001: Battery Temperature is Cold, T < T1
010: Battery Temperature is Cool, T1 ≤ T < T2
011: Battery Temperature is Warm, T3 < T ≤ T4
100: Battery Temperature is Hot, T > T4
3
RSVD
0
R
Reserved bit
2
CHIP_TEMP_
STATUS
0
R
Chip Temp Status:
0: Thermal regulation not activated
1: Thermal regulation activated
1
0
SFTY_TIMER_S
TATUS
[1:0]
00
R
00: Safety Timers having No Effect on Battery Charging
01: Pre-qual Timer expires, battery charging suspended
10: Fast Timer expires, battery Charging suspended
11: Battery short test fails, battery charging suspended
Table 41. CHG_STATUS_3 register bit description
1Ch to 1Fh registers: Reserved
9.5.26 Regulator status (REG_STATUS, address 20h)
This register stores the present status of the SW1, SW2, LDO1, LDO2. This is a READ ONLY register.
Bit
Symbol
Default value Type
Function
7
VOUTSW1 _OK 0
R
SW1 VOUT “Power-good” Status
0: VOUT_SW1 is not OK, i.e., VOUTSW1 / VOUTSW1(nominal) ≤
90 % or VOUTSW1 / VOUTSW1(nominal) ≥ 110 %
1: VOUT_SW1 is OK, i.e., 110 % > VOUTSW1 / VOUTSW1(nominal) >
90 %
6
VOUTSW2 _OK 0
R
SW2 VOUT “Power-good” Status
0: VOUT_SW2 is not OK, i.e., VOUTSW2 / VOUTSW2(nominal) ≤
90 % or VOUTSW2 / VOUTSW2(nominal) ≥ 110 %
1: VOUT_SW2 is OK, i.e., 110 % > VOUTSW2 / VOUTSW2(nominal) >
90 %
5
VOUTLDO1 _OK 0
R
LDO1VOUT “Power-good” Status
0: VOUTLDO1 is not OK, i.e., VOUTLDO1 / VOUTLDO1 (nominal) ≤
90 % or VOUT LDO1 / VOUT LDO1 (nominal) ≥ 110 %
1: VOUTLDO1 is OK, i.e., 110 % > VOUTLDO1 / VOUTLDO1
(nominal) > 90 %
4
VOUTLDO2_OK 0
R
LDO2VOUT “Power-good” Status
0: VOUTLDO2 is not OK, i.e., VOUTLDO2 / VOUTLDO2 (nominal) ≤
90 % or VOUTLDO2 / VOUTLDO2 (nominal) ≥ 110 %
1: VOUTLDO2 is OK, i.e., 110 % > VOUTLDO2 / VOUTLDO2
(nominal) > 90 %
3
RSVD
0
R
Reserved bit
Table 42. REG_STATUS register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
44 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com