Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 49Page - NXP Semiconductors PCA9420BS Datasheet HTML 50Page - NXP Semiconductors PCA9420BS Datasheet HTML 51Page - NXP Semiconductors PCA9420BS Datasheet HTML 52Page - NXP Semiconductors PCA9420BS Datasheet HTML 53Page - NXP Semiconductors PCA9420BS Datasheet HTML 54Page - NXP Semiconductors PCA9420BS Datasheet HTML 55Page - NXP Semiconductors PCA9420BS Datasheet HTML 56Page - NXP Semiconductors PCA9420BS Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
000111=0.675 V
010101=1.025 V
100011=1.375 V
001000=0.700 V
010110=1.050 V
100100=1.400 V
001001=0.725 V
010111=1.075 V
100101=1.425 V
001010=0.750 V
011000=1.100 V
100110=1.450 V
001011=0.775 V
011001=1.125 V
100111=1.475 V
001100=0.800 V
011010=1.150 V
101000=1.500 V
001101=0.825 V
011011=1.175 V
101001 to 111110 = 1.5 V
111111 = 1.8 V
Table 61. SW1 output voltage for Mode Setting 2...continued
9.5.37 Mode configuration mode setting 2_1 (MODECFG_2_1, address 2Bh)
This register contains mode setting 2, part 1 configuration register. This is a READ AND WRITE register.
Bit
Symbol
Default
value
Type
Function
7
RSVD
0
R/W
Reserved bit
6
ON_CFG_2
1
R/W
Mode configuration upon falling edge applied on “ON” pin in
Mode setting 2
0: upon valid falling edge applied on “ON” pin, the device
switches back to mode 0 setting (if the device is currently
operating in mode 0 setting, then no mode switch)
1: upon valid falling edge applied on “ON” pin, no mode
switch, the device stays in its current mode setting operation
5
SW2_OUT_2_OFFSET
0
R/W
SW2 output voltage offset selection in mode setting 2
0: SW2 Output Voltage = SW2_OUT_2_LSB[4:0] + 0 V
1: SW2 Output Voltage = SW2_OUT_2_LSB[4:0] + 1.2V
4
3
2
1
0
SW2_OUT_2_LSB
[4:0]
01100
R/W
SW2 default output voltage for mode setting 2 (see below)
Table 62. MODECFG_2_1 register bit description
00000=1.500 V
01001=1.725 V
10010=1.950 V
00001=1.525 V
01010=1.750 V
10011=1.975 V
00010=1.550 V
01011=1.775 V
10100=2.000 V
00011=1.575 V
01100=1.800 V
(default)
10101=2.025 V
00100=1.600 V
01101=1.825 V
10110=2.050 V
00101=1.625 V
01110=1.850 V
10111=2.075 V
00110=1.650 V
01111=1.875 V
11000=2.100 V
Table 63. SW2 default output voltage for mode setting 2
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
53 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com