Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 29Page - NXP Semiconductors PCA9420BS Datasheet HTML 30Page - NXP Semiconductors PCA9420BS Datasheet HTML 31Page - NXP Semiconductors PCA9420BS Datasheet HTML 32Page - NXP Semiconductors PCA9420BS Datasheet HTML 33Page - NXP Semiconductors PCA9420BS Datasheet HTML 34Page - NXP Semiconductors PCA9420BS Datasheet HTML 35Page - NXP Semiconductors PCA9420BS Datasheet HTML 36Page - NXP Semiconductors PCA9420BS Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type
Function
• SYSRSTn signal asserts (high to low)
• Charging is continued
• LDO1/LDO2/SW1/SW2 enters the mode 0 setting
1: When the programmed watchdog timer expires, the following
operations take place.
• SYSRSTn signal asserts (high to low)
• Charging is disabled
• LDO1/LDO2/SW1/SW2 enters the mode 0 setting
1
RSVD
0
R/W
Reserved bit
0
PGood_EN
1
R/W
LDO1, LDO2, SW1, SW2 Output Voltage Status Indication
0: Output voltage power-good comparators are disabled.
This also sets “VOUTSW1 _OK”, “VOUTSW2 _OK”,
“VOUTLDO1_OK” and “VOUTLDO2 _OK” bits to 0
1: Output voltage power-good comparators are enabled
Table 17. TOP_CNTL0 register bit description...continued
[1]
A valid VIN does not generate the initial power-up sequence if all power rails have been turned off by setting PWR_DN_EN to 1. The use of PWR_DN_EN
bit is prohibited to be used in any application that requires power-up sequence by both VIN and ON key.
The use of SHIP_EN_x (x can be 0, 1, 2 &3) is recommended for the application.
9.5.10 Top level control_1 (TOP_CTL1, address 0Ah)
This register contains various configuration bits for top level related functions, part 1. This is a READ AND
WRITE register.
Bit
Symbol
Default
value
Type
Function
7
6
ASYS_PREWARNING
[1:0]
10
R/W
ASYS Program a pre-warning voltage threshold on ASYS
00: 3.3 V
01: 3.4 V
10: 3.5 V
11: 3.6 V
5
4
ASYS_INPUT_SEL
[1:0]
00
R/W
ASYS input source selection
00: ASYS is powered by either VBAT or VIN (VIN has higher
priority over VBAT if both are presented but only when
VIN>VBAT)
01: ASYS is powered by VBAT only
10: ASYS is powered by VIN only
11: ASYS is disconnected to either VBAT or VIN (for internal
testing purpose only)
3
RSVD
1
R/W
Reserved bit
2
VIN_OVP_SEL
0
R/W
VIN over-voltage protection threshold (rising) selection
0: 5.50 V
1: 6.0 V
Note: The current default value for VIN_OVP_SEL is set
at 5.5 V, but it should be MTP programmable
1
0
VIN_UVLO_SEL
[1:0]
01
R/W
Program an under-voltage lockout threshold (falling) on VIN
00: 2.9 V
01: 3.1 V
Table 18. TOP_CNTL1 register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
33 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com