Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 21Page - NXP Semiconductors PCA9420BS Datasheet HTML 22Page - NXP Semiconductors PCA9420BS Datasheet HTML 23Page - NXP Semiconductors PCA9420BS Datasheet HTML 24Page - NXP Semiconductors PCA9420BS Datasheet HTML 25Page - NXP Semiconductors PCA9420BS Datasheet HTML 26Page - NXP Semiconductors PCA9420BS Datasheet HTML 27Page - NXP Semiconductors PCA9420BS Datasheet HTML 28Page - NXP Semiconductors PCA9420BS Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
9.4 Register map
Address (Hex) Register Name
Description
Type
Reset Value
(Binary)
System Control Registers
00
Device Information, DEV_INFO
Device ID, revision
R
0000 0001
01
Top Level Interrupt Status, TOP_INT
Top level interrupt event status
R/C
0000 0000
02
Sub Level Interrupt_0, SUB_INT0
Sub-level interrupt indication_0
W/C
0000 0000
03
Sub Level Interrupt_0 Mask, SUB_INT0_
MASK
Sub-level interrupt mask for SUB_INT0
R/W
0011 1111
04
Sub Level Interrupt_1, SUB_INT1
Sub-level interrupt indication_1
W/C
0000 0000
05
Sub Level Interrupt_1 Mask, SUB_INT1_
MASK
Sub-level interrupt mask for SUB_INT1
R/W
0111 1111
06
Sub Level Interrupt_2, SUB_INT2
Sub-level interrupt indication_2
W/C
0000 0000
07
Sub Level Interrupt_2 Mask, SUB_INT2_
MASK
Sub-level interrupt mask for SUB_INT2
R/W
1111 1111
08
RSVD
Reserved
R/W
0000 0000
09
Top Level Control_0, TOP_CNTL0
Top level system control_0
R/W
0100 0001
0A
Top Level Control_1, TOP_CNTL1
Top level system control_1
R/W
1000 1001
0B
Top Level Control_2, TOP_CNTL2
Top level system control_2
R/W
1100 1110
0C
Top Level Control_3, TOP_CNTL3
Top level system control_3
R/W
0000 0001
0D
Top Level Control_4, TOP_CNTL4
Top level system control_4
W
0000 0000
0E – 0F
RSVD
Reserved
Battery Charger Control
10
Battery Charger Control_0, CHG_CNTL0 Battery charger control register_0
R/W
0000 0011
11
Battery Charger Control_1, CHG_CNTL1 Battery charger control register_1
R/W
0000 1000
12
Battery Charger Control_2, CHG_CNTL2 Battery charger control register_2
R/W
0000 0100
13
Battery Charger Control_3, CHG_CNTL3 Battery charger control register_3
R/W
0000 1000
14
Battery Charger Control_4, CHG_CNTL4 Battery charger control register_4
R/W
0000 0100
15
Battery Charger Control_5, CHG_CNTL5 Battery charger control register_5
R/W
0001 1110
16
Battery Charger Control_6, CHG_CNTL6 Battery charger control register_6
R/W
1001 0101
17
Battery Charger Control_7, CHG_CNTL7 Battery charger control register_7
R/W
0010 0100
18
Battery Charger Status_0, CHG_
STATUS_0
Battery charger status indication_0
R
0001 0000
19
Battery Charger Status_1, CHG_
STATUS_1
Battery charger status indication_1
R
0000 0000
1A
Battery Charger Status_2, CHG_
STATUS_2
Battery charger status indication_2
R
0111 1000
1B
Battery Charger Status_3, CHG_
STATUS_3
Battery charger status indication_3
R
0000 0000
1C – 1F
RSVD
Reserved
Regulator Control
20
Regulator Status, REG_STATUS
Regulators status indication
R
0000 0000
21
Active Discharge Control, ACT_
DISCHARGE_CNTL_1
Active Discharge control register
R/W
0000 0000
Table 8. Register map
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
25 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com