Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 85 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 77Page - NXP Semiconductors PCA9420BS Datasheet HTML 78Page - NXP Semiconductors PCA9420BS Datasheet HTML 79Page - NXP Semiconductors PCA9420BS Datasheet HTML 80Page - NXP Semiconductors PCA9420BS Datasheet HTML 81Page - NXP Semiconductors PCA9420BS Datasheet HTML 82Page - NXP Semiconductors PCA9420BS Datasheet HTML 83Page - NXP Semiconductors PCA9420BS Datasheet HTML 84Page - NXP Semiconductors PCA9420BS Datasheet HTML 85Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 85 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
9.5.23
Battery charger status_1 (CHG_STATUS_
1, address 19h) ............................................... 42
9.5.24
Battery charger status_2 (CHG_STATUS_
2, address 1Ah) ...............................................43
9.5.25
Battery charger status_3 (CHG_STATUS_
3, address 1Bh) ...............................................43
9.5.26
Regulator status (REG_STATUS, address
20h) ..................................................................44
9.5.27
Active Discharge Regulator control (ACT_
DISCHARGE_CNTL, address 21h) ................. 45
9.5.28
Mode configuration mode setting 0_0
(MODECFG_0_0, address 22h) ...................... 45
9.5.29
Mode configuration mode setting 0_1
(MODECFG_0_1, address 23h) ...................... 46
9.5.30
Mode configuration mode setting 0_2
(MODECFG_0_2, address 24h) ...................... 47
9.5.31
Mode configuration mode setting 0_3
(MODECFG_0_3, address 25h) ...................... 48
9.5.32
Mode configuration mode setting 1_0
(MODECFG_1_0, address 26h) ...................... 49
9.5.33
Mode configuration mode setting 1_1
(MODECFG_1_1, address 27h) ...................... 50
9.5.34
Mode configuration mode setting 1_2
(MODECFG_1_2, address 28h) ...................... 50
9.5.35
Mode configuration mode setting 1_3
(MODECFG_1_3, address 29h) ...................... 51
9.5.36
Mode configuration mode setting 2_0
(MODECFG_2_0, address 2Ah) ......................52
9.5.37
Mode configuration mode setting 2_1
(MODECFG_2_1, address 2Bh) ......................53
9.5.38
Mode configuration mode setting 2_2
(MODECFG_2_2, address 2Ch) ......................54
9.5.39
Mode configuration mode setting 2_3
(MODECFG_2_3, address 2Dh) ......................54
9.5.40
Mode configuration mode setting 3_0
(MODECFG_3_0, address 2Eh) ......................55
9.5.41
Mode configuration mode setting 3_1
(MODECFG_3_1, address 2Fh) ...................... 56
9.5.42
Mode configuration mode setting 3_2
(MODECFG_3_2, address 30h) ...................... 57
9.5.43
Mode configuration mode setting 3_3
(MODECFG_3_3, address 31h) ...................... 57
9.5.44
RESET reason monitoring (RESET_
MONITOR, address 71h) .................................58
10
Limiting values ..................................................60
11
ESD ratings ........................................................60
12
Recommended operating conditions .............. 60
13
Electrical characteristics ..................................61
13.1
Top level parameter .........................................61
13.2
Battery charger ................................................ 64
13.3
BUCK1 (SW1) ................................................. 67
13.4
BUCK2 (SW2) ................................................. 69
13.5
LDO1 (Always-on LDO) ...................................70
13.6
LDO2 (System LDO) ....................................... 71
13.7
I2C Interface and Logic I/O ............................. 72
14
Package outline .................................................74
15
Packing information ..........................................77
15.1
SOT905-1 HVQFN24; reel dry pack, SMD,
7" Q2 standard product orientation ordering
code (12NC) ending 547 ................................. 77
15.1.1
Dimensions and quantities .............................. 77
15.1.2
Product orientation ...........................................77
15.1.3
Carrier tape dimensions .................................. 77
15.2
SOT1401-4 WLCSP25; reel dry pack,
SMD, 7" Q1 standard product orientation
ordering code (12NC) ending 012 ................... 78
15.2.1
Dimensions and quantities .............................. 78
15.2.2
Product orientation ...........................................78
15.2.3
Carrier tape dimensions .................................. 78
16
Revision history ................................................ 79
17
Legal information ..............................................80
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section 'Legal information'.
© 2023 NXP B.V.
All rights reserved.
For more information, please visit: http://www.nxp.com
Date of release: 26 July 2023
Document identifier: PCA9420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com