Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 19Page - NXP Semiconductors PCA9420BS Datasheet HTML 20Page - NXP Semiconductors PCA9420BS Datasheet HTML 21Page - NXP Semiconductors PCA9420BS Datasheet HTML 22Page - NXP Semiconductors PCA9420BS Datasheet HTML 23Page - NXP Semiconductors PCA9420BS Datasheet HTML 24Page - NXP Semiconductors PCA9420BS Datasheet HTML 25Page - NXP Semiconductors PCA9420BS Datasheet HTML 26Page - NXP Semiconductors PCA9420BS Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
When it is under the dead-battery condition, the charging current ICHG_DEAD is programmed by ICHG_DEAD
[5:0]; and when it is under the low-battery condition, the charging current ICHG_LOW is programmed by
ICHG_LOW [5:0]. When VBAT ≥ VBAT_LOW, the charger moves to the next state, fast charging mode.
8.13.5 Constant current charging/constant voltage charging (fast charging) and termination
When VBAT ≥ VBAT_LOW, the charger enters Fast Charge Mode (Constant Current). In this state, the battery
voltage VBAT continues to rise, while the battery is being charged with the current set by ICHG_CC [5:0], until
VBAT reaches the maximum allowable voltage set by VBAT_REG [5:0].
At this time, the charger enters the Constant Voltage (CV) mode. While operating in the CV mode, the voltage is
still regulated at the level set by VBAT_REG [5:0], and the charging current continues to decrease.
When the charging current drops below the top-off current threshold, set by ICHG_TOPOFF [5:0], the charger
enters TOPOFF mode, and upon expiration of TOPOFF timer (set by T_TOPOFF [1:0]), the charger enters
DONE mode.
8.13.6 Charger safety timers
Two sets of charging safety timers are implemented on PCA9420. These timers ensure the charging is
terminated if the charging time is longer than its predefined limit (programmed via I2C registers) at given states:
• Pre-qualification timer, set by ICHG_PREQ_TIMER [1:0], 15 min to 60 min
• Fast charge timer, set by ICHG_FAST_TIMER [1:0], 3 hr to 9 hr
8.13.7 Recharging
While in DONE mode, if the voltage of VBAT stays below (a programmed VBAT_REG – 140 mV or 240 mV)
over the deglitch time (tDGL_BAT_RESTART), 50 ms the battery charger resumes back to Constant Current (CC)
Mode.
8.13.8 Starting a new charge cycle
When a VIN plug in, VBAT attached, or CHG_EN are set to “1”, the device initializes a new charging process.
8.14 Hardware and software reset
Please refer to description for ON pin for the hardware reset function by a long time ON key pressed. The
"software reset” is achieved by setting “1” to SW_RST bit in I2C register. If the user writes a “1” to this bit, it
resets all other I2C register bits to their default setting; this bit is cleared and reset back to “0” as well.
8.15 Device level protection features
The device contains several protection features at both the complete IC level and have a reaction at each of the
functional blocks (linear charger, DC-DC converters, LDOs). There are additional protection mechanisms at the
functional block level, but those are already documented on its respective functional description section.
Protection reaction
Condition
Triggering point
Overall Device state
Linear charger
DC-DC converters
LDOs
Register contents
VIN undervoltage
VIN < VIN_UVLO
Operational
Disabled
Remain operational
although might deliver a
reduced output voltage
(due to low VIN)
Remain operational
although might deliver a
reduced output voltage
(due to low VIN)
Maintained. Interrupt
triggered, status
reported.
VIN overcurrent
(ILIM)
VIN current is > VIN_
ILIM
Limit input current to
VIN_ILIM setting
Remain operational
Remain operational
Remain operational
Maintained unless reset
happened; Interrupt and
status reported.
Table 6. Device level protection features
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
23 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com