Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 38Page - NXP Semiconductors PCA9420BS Datasheet HTML 39Page - NXP Semiconductors PCA9420BS Datasheet HTML 40Page - NXP Semiconductors PCA9420BS Datasheet HTML 41Page - NXP Semiconductors PCA9420BS Datasheet HTML 42Page - NXP Semiconductors PCA9420BS Datasheet HTML 43Page - NXP Semiconductors PCA9420BS Datasheet HTML 44Page - NXP Semiconductors PCA9420BS Datasheet HTML 45Page - NXP Semiconductors PCA9420BS Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
000: 80 °C
010: 90 °C
100: 100 °C
110: 110 °C
001: 85 °C
011: 95 °C
101: 105 °C
111: 115 °C
Table 37. Thermal regulation threshold setting
9.5.22 Battery charger status_0 (CHG_STATUS_0, address 18h)
This register stores the present status of the linear battery charger, part 0. This is a READ ONLY register. The
status of this register is only valid when VIN_ILIM condition is not reached.
Bit
Symbol
Default value Type
Function
7
VBAT_DET_OK
0
R
VBAT Detection Status
0: No valid battery attachment detected
1: Battery attachment detected
6
VBAT_OK
0
R
(Only valid with VBAT_DET_OK = 1)
VBAT status, refer to BAT_DETAIL_STATUS [2:0] for more details
0: the battery is invalid/missing, or charger reset is active, i.e.
BAT_DETAIL_STATUS [2:0] = 0b000, 0b111
1: the battery is OK. i.e. BAT_DETAIL_STATUS [2:0] = 0b001, 0b010,
0b011, 0b100, 0b101
5
IN_PWR_OK
0
R
IN_PWR (input power) status, refer to IN_PWR_STATUS [1:0] for more
details
0: Input power voltages are invalid. i.e. IN_PWR_STATUS [1:0] ≠ 0b11
1: Input power voltages are valid. i.e. IN_PWR_STATUS [1:0] = 0b11
4
CHG_OK
1
R
Charger status
0: The charger has suspended due to the following conditions: TS_
DETAIL_STATUS [2:0] = 001’b or 100’b; or SFTY_TIMER_STATUS
[1:0] ≠ 00’b
1: The charger is OK
3
RSVD
0
R
Reserved bit
2
RSVD
0
R
Reserved bit
1
RSVD
0
R
Reserved bit
0
RSVD
0
R
Reserved bit
Table 38. CHG_STATUS_0 register bit description
9.5.23 Battery charger status_1 (CHG_STATUS_1, address 19h)
This register stores the present status of the linear battery charger, part 1. This is a READ ONLY register. The
status of this register is only valid when VIN_ILIM condition is not reached.
Bit
Symbol
Default value Type
Function
7
6
IN_PWR_
STATUS
00
R
VIN and ASYS charger input power Status
00: Input power is invalid. VIN<VIN_UVLO
01: Input power is invalid. ASYS< VBAT+VINBAT_HEADROOM and
VIN>VIN_UVLO
10: Input power is invalid. VIN>VIN_OVP
11: Input power is valid. VIN>VIN_UVLO, ASYS>VBAT+VINBAT_
HEADROOM, VIN<VIN_OVP
Table 39. CHG_STATUS_1 register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
42 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com