Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 16Page - NXP Semiconductors PCA9420BS Datasheet HTML 17Page - NXP Semiconductors PCA9420BS Datasheet HTML 18Page - NXP Semiconductors PCA9420BS Datasheet HTML 19Page - NXP Semiconductors PCA9420BS Datasheet HTML 20Page - NXP Semiconductors PCA9420BS Datasheet HTML 21Page - NXP Semiconductors PCA9420BS Datasheet HTML 22Page - NXP Semiconductors PCA9420BS Datasheet HTML 23Page - NXP Semiconductors PCA9420BS Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
aaa-033082
VBAT
3.6 V to 4.6 V, 20 mV steps, 4.2 V Default
1.9 V (1.7 V, 1.8 V,
2 V by MTP)
VBAT
Trickle Charge
(Dead Battery)
Mode
Fast Charge Mode
Top-OFF
Mode
Charging Done Mode
Current to battery
ICHG_TOPOFF
ICHG = 0 mA
0 mA
Recharge Mode
(Fast Charge Mode)
2.5 V (2.3 V,2.4 V,2.6 V by MTP)
tDGL_BAT_LOW2CC = 50 µs
Pre-charge
(Low-Voltage)
Mode
5 mA to 315 mA programmable in 5 mA steps
tDGL_BAT_CC2TOPOFF = 20 ms
tDGL_BAT_RESTART = 50 ms
ICHG_TOPOFF
Time
Time
di/dt=3 mA/µs
85 mA to 1105 mA programmable
1 mA to 63 mA programmable
in 1 mA steps
1 mA to 63 mA programmable
in 1 mA steps
1 mA to 20 mA programmable
in 1 mA steps
reset
tDGL_BAT_DEAD2LOW = 50 µs
3, 5, 7, or 9 hours
reset
0, 6.4, 12.8, or 19.2 min
TCHG_TOPOFF started
TCHG_TOPOFF expired
TCHG_TOPOFF
15, 30, 45,
or 60 min
reset
OFF
ON
OFF
OFF
ON
ON
Fast Charge Mode
VBAT_RESTART
(=VBAT_REG - 140 mV
or 240 mVtyp)
VBAT_REG
VBAT_LOW
VBAT_DEAD
ICHG_CC
ICHG_LOW
ICHG_DEAD
TCHG_PREQ
TCHG_FAST
TCHG_TOPOFF
VIN__ILIM
0V
Input & Charge Current
Figure 9. Typical charging profile example
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
20 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com