Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 15Page - NXP Semiconductors PCA9420BS Datasheet HTML 16Page - NXP Semiconductors PCA9420BS Datasheet HTML 17Page - NXP Semiconductors PCA9420BS Datasheet HTML 18Page - NXP Semiconductors PCA9420BS Datasheet HTML 19Page - NXP Semiconductors PCA9420BS Datasheet HTML 20Page - NXP Semiconductors PCA9420BS Datasheet HTML 21Page - NXP Semiconductors PCA9420BS Datasheet HTML 22Page - NXP Semiconductors PCA9420BS Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Figure 9 shows the charging profile with a dead battery condition. Once the cell has charged to the regulation
voltage (VBAT_REG) the voltage loop takes control and holds the battery at the regulation voltage until the current
tapers to the termination threshold (ICHG_TOPOFF).
CHG_LOCK [4:0] bits on Battery charger control_0 (CHG_CTL0, address 10h) register should be set to ‘10101’
to be able to perform I2C “write” command. Otherwise, when “write” command is performed on the ‘locked
registers’, it keeps the present register value.
8.13.1 Battery charging management
Battery charging management supports typical constant current/constant voltage charging profile for single
cell Li-Ion battery, as well as pre-qualification (dead battery, low battery), top-off mode, etc.; JEITA and thermal
regulation compliant.
In PCA9420, there is an initial stage in the charger operation which sources ICHG_DEAD current into VBAT and
compares the voltage to 1.9 V level.
• If the voltage is higher than this threshold, the charger immediately proceeds to the next state (pre-charge/
ICHG_LOW current).
• Otherwise, there is a timer running for 5...40s (I2C programmable) called ICHG_DEAD_TIMER, bits [7:6] in
register 0x14 chg_ctl4. If the timer expires, the battery doesn’t accept charge and is detected as a short.
ICHG_DEAD_CURRENT is sourced by the charger and is I2C programmable.
The dead charge fault timer can assert an interrupt (bit [6] (ICHG_DEAD_TIMER_INT_MASK) from
Sub_INT1_Mask register 05h), and the software can make the final decision. If left masked, the charger
always proceeds to the next stage. This is the default PCA9420 operation. If the interrupt was enabled and has
triggered, the charger is disabled.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
19 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com