Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 27Page - NXP Semiconductors PCA9420BS Datasheet HTML 28Page - NXP Semiconductors PCA9420BS Datasheet HTML 29Page - NXP Semiconductors PCA9420BS Datasheet HTML 30Page - NXP Semiconductors PCA9420BS Datasheet HTML 31Page - NXP Semiconductors PCA9420BS Datasheet HTML 32Page - NXP Semiconductors PCA9420BS Datasheet HTML 33Page - NXP Semiconductors PCA9420BS Datasheet HTML 34Page - NXP Semiconductors PCA9420BS Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default
value
Type
Function
1: Masked
Table 14. Sub_INT1_Mask register bit description...continued
9.5.7 Sub level interrupt_2 (Sub_INT2, address 06h)
The sub-level interrupt register contains flags indicating the second-tier interrupt event. For this register, it
contains LDO1/LDO2, SW1/SW2 related interrupt events reflected on the SW_INT and LDO_INT bits on the
TOP_INT register as long as they are unmasked on the Sub_INT2_Mask register.
This is WRITE AND CLEAR register.
Bit
Symbol
Default value Type
Function
7
RSVD
0
W/C
Reserved bit
6
RSVD
0
W/C
Reserved bit
5
RSVD
0
W/C
Reserved bit
4
RSVD
0
W/C
Reserved bit
3
VOUTSW1
0
W/C
SW1 Output Voltage Interrupt
0: The VOUTSW1_OK bit has not changed since the last time this bit
was cleared.
1: The VOUTSW1_OK bit has changed since the last time this bit was
cleared.
2
VOUTSW2
0
W/C
SW2 Output Voltage Interrupt
0: The VOUTSW2_OK bit has not changed since the last time this bit
was cleared.
1: The VOUTSW2_OK bit has changed since the last time this bit was
cleared.
1
VOUTLDO1
0
W/C
LDO1 Output Voltage Interrupt
0: The VOUTLDO1_OK bit has not changed since the last time this bit
was cleared.
1: The VOUTLDO1_OK bit has changed since the last time this bit was
cleared.
0
VOUTLDO2
0
W/C
LDO2 Output Voltage Interrupt
0: The VOUTLDO2_OK bit has not changed since the last time this bit
was cleared.
1: The VOUTLDO2_OK bit has changed since the last time this bit was
cleared.
Table 15. Sub_INT2 register bit description
9.5.8 Sub level interrupt_2 mask (Sub_INT2_Mask, address 07h)
This is a READ AND WRITE register.
Bit
Symbol
Default value Type
Function
7
RSVD
1
R/W
Reserved bit
6
RSVD
1
R/W
Reserved bit
5
RSVD
1
R/W
Reserved bit
Table 16. Sub_INT2_Mask register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
31 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com