Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 8Page - NXP Semiconductors PCA9420BS Datasheet HTML 9Page - NXP Semiconductors PCA9420BS Datasheet HTML 10Page - NXP Semiconductors PCA9420BS Datasheet HTML 11Page - NXP Semiconductors PCA9420BS Datasheet HTML 12Page - NXP Semiconductors PCA9420BS Datasheet HTML 13Page - NXP Semiconductors PCA9420BS Datasheet HTML 14Page - NXP Semiconductors PCA9420BS Datasheet HTML 15Page - NXP Semiconductors PCA9420BS Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
8.6 TS
With the temperature sensing pin, the external thermistor (NTC) is connected between the TS pin and ground.
The thermistor may be included in the battery pack to monitor the battery pack temperature, or it may be an
additional component user chooses to have on the board level to monitor the temperature at a chosen area.
The voltage at TS pin is monitored, and the user can enable the feature through I2C-bus interface (NTC_EN)
to implement JEITA compliant charging at a safe temperature. Per JEITA standard, there are four temperature
threshold settings:
1. Cold threshold (T1, 0 °C)
2. Cool threshold (T2, 10 °C)
3. Warm threshold (T3, 45 °C)
4. Hot threshold (T4, 60 °C)
Each of the above temperature thresholds represents a voltage threshold. When the monitored temperature, T,
falls into a different temperature zone, the charger should adjust the charging method accordingly:
1. T > T4 or T < T1, i.e., when the temperature is in a “cold” or “hot” zone, charging is suspended, as well as
the safety timer;
2. T1 < T < T2, charging current is reduced by 50 % of the programmed current level;
3. T2 < T < T3, normal charging;
4. T3 < T < T4, the CV mode regulating voltage should be set as VBAT_REG [5:0] – ΔVBAT_REG(HOT),
140 mV typical
To disable this function, set NTC_EN to “0”.
8.7 Mode setting
When the MCU operates in different modes such as overdrive run mode or low power mode, it may require the
power supply to operate in different settings accordingly (for example, enable/disable of each rail, output voltage
of each rail, etc.) to achieve a better performance and efficiency.
On the PCA9420, there are four modes of registers representing Mode Setting 0/1/2/3 to accommodate
such requirements from MCU, where Mode Setting A is the default mode setting (i.e., the initial mode setting
upon initial power up). Depending on the user’s preference, switching among different mode settings can be
controlled by either the external signal (ON pin), external pins (MODESEL0/1) or I2C.
Within each mode setting, the user can program the follow parameters providing great flexibility to
accommodate different MCU operation modes:
1. Enable/disable of the four output voltage rails
2. Voltage setting of the four output voltage rails
3. Ship mode enable/disable
4. Watchdog timer setting
5. Mode control selection (EN_MODE_SEL_BY_PIN_x, x=0, 1, 2, or 3)
EN_MODE_SEL_BY_PIN_x = 0: under current mode setting, mode setting switch is controlled by internal I2C
register bits MODE0_I2C and/or MODE1_I2C only; signal applied on external MODESEL0/MODESEL1 pins is
ignored.
EN_MODE_SEL_BY_PIN_x = 1: under current mode setting, mode setting switch is controlled by signal
applied on external MODESEL0 and/or MODESEL1 pins only, not by internal I2C register bits MODE0_I2C and
MODE1_I2C.
1. Mode setting switches back to Mode Setting A triggered by ON pin falling edge. Refer to register description
for “ON_CFG_x” bit for more details.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
12 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com