Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 2Page - NXP Semiconductors PCA9420BS Datasheet HTML 3Page - NXP Semiconductors PCA9420BS Datasheet HTML 4Page - NXP Semiconductors PCA9420BS Datasheet HTML 5Page - NXP Semiconductors PCA9420BS Datasheet HTML 6Page - NXP Semiconductors PCA9420BS Datasheet HTML 7Page - NXP Semiconductors PCA9420BS Datasheet HTML 8Page - NXP Semiconductors PCA9420BS Datasheet HTML 9Page - NXP Semiconductors PCA9420BS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Pin
Symbol
HVQFN24
WLCSP25
Pin Type
Description
LDO1_OUT
12
E1
P
LDO1 output. It is always-ON supply. The input supply is a
higher voltage between ASYS and VBAT_BKUP. Bypass
with a 1 µF/6.3 V ceramic capacitor.
LDO2_OUT
15
D1
P
LDO2 output. The input supply is ASYS. Bypass with a 2.
2 µF/6.3 V ceramic capacitor.
LOGIC INPUTS
ON
4
C4
I
ON Pin with an internal pull-up resistor, 1 MΩ typ, to either
2.5 V or VBAT. Refer to Section 8.5 for more details.
MODESEL0
7
E4
I
Mode selection input pin #1. Place a 10 nF/6.3 V capacitor
for noise rejection.
MODESEL1
8
E3
I
Mode selection input pin #2. Place a 10 nF/6.3 V capacitor
for noise rejection.
LOGIC OUTPUTS
INTB
10
D4
O
Interrupt output, Open-drain type. Place a pull-up resistor
from 20 kΩ to 220 kΩ to a system I/O supply rail.
SYSRSTn
11
D3
O
Reset output for external MCU, Open-drain type. Place a
pull-up resistor from 20 kΩ to 220 kΩ to a system I/O supply
rail.
SERIAL I2C INTERFACE
SCL
5
D5
I
I2C Interface clock pin. Place a pull-up resistor between
2.2 kΩ and 10 kΩ to a system I/O supply rail. If the pin is not
used, leave the pin open.
SDA
6
E5
I/O
I2C Interface data pin. Place a pull-up resistor between
2.2 kΩ and 10 kΩ to a system I/O supply rail. If the pin is not
used, leave the pin open.
DEVICE GROUND
AGND1
9
B3
P
AGND2
21
C3
P
AGND3
E2
P
Analog ground. It shall be connected to system ground
through a via. Do not connect AGND1 and AGND2 to
PGND1 or PGND2 on the top PCB layer in the system.
Exposed
Pad
Exposed pad. Connect to system ground
Table 3. Pin description...continued
P = Power, I = Input, I/O = input/output
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
6 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com