Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 67 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 63Page - NXP Semiconductors PCA9420BS Datasheet HTML 64Page - NXP Semiconductors PCA9420BS Datasheet HTML 65Page - NXP Semiconductors PCA9420BS Datasheet HTML 66Page - NXP Semiconductors PCA9420BS Datasheet HTML 67Page - NXP Semiconductors PCA9420BS Datasheet HTML 68Page - NXP Semiconductors PCA9420BS Datasheet HTML 69Page - NXP Semiconductors PCA9420BS Datasheet HTML 70Page - NXP Semiconductors PCA9420BS Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
13.3 BUCK1 (SW1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN(SW1)
Input voltage
range for CORE
BUCK
Input is PSYS1, guaranteed by design 2.5
5.5
V
IOUT(SW1) MAX
Max Output
Current
Over VPSYS1, guaranteed by design
250
mA
VSW1 Range
Output range for
CORE BUCK
I2C programmable from 0.5 V to 1.5 V
in 25 mV/step, a fixed 1.8 V
0.5
1.5
V
Over full VPSYS1, IOUT(SW1),
-40 °C ≤ Tamb ≤ +85 °C, for all
VSW1_OUT except for 500 mV and
1.8 V
-3
+3
Over full VPSYS1, IOUT(SW1),
-40 °C ≤ Tamb ≤ +85 °C, for only
VSW1_OUT =1.8 V
-3.5
+3.5
VSW1_OUT Accuracy CORE BUCK DC
Output Accuracy
Over full VPSYS1, IOUT(SW1),
-40 °C ≤ Tamb ≤ +85 °C, for only
VSW1_OUT =0.5 V
-4
+4
%
ΔVSW1 / Δ VPSYS1
DC Line
regulation
VSW1(NOM)+0.5 V < VPSYS1 < 5.5 V,
IOUT(SW1) = 250 mA
0.15
%/V
ΔVSW1 / ΔIOUT(SW1) DC Load
regulation
0 mA < IOUT(SW1) < 250 mA
0.008
%/mA
TON (SW1)
-40 °C ≤ Tamb ≤ +85 °C [1]
110
240
350
ns
IIN(SW1)[1]
Quiescent current SW1 enabled, IOUT(SW1) = 0, no
switching
700
nA
Inductor value
L
2.2
µH
High Side P-FET
RDSON
VPSYS1=5 V
500
900
RDSON(SW1)[1]
Low Side N-FET
RDSON
VPSYS1=5 V
250
450
mΩ
RSTDN(SW1)
SW1 Output
Active Discharge
Resistance
50
Ω
ILIM(SW1)
Internal Peak
Current Limit
Cycle by cycle peak current limit
700
950
1200
mA
tONMIN(SW1)
Minimum On-
Time
50
ns
tOFFMIN(SW1)
Minimum-Off
Time
10
ns
tSSTART(SW1)
Soft-start time
VSW1OUT=1.2 V
1.2
ms
@IOUT=10 µA
> 76
%
@IOUT=100 µA
> 84
%
Efficiency[1]
VPSYS1=5 V,
VSW1OUT=1.5 V
@IOUT=65 mA
> 86
%
Table 82. EC table for BUCK1 (SW1)
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
67 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com