Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 17Page - NXP Semiconductors PCA9420BS Datasheet HTML 18Page - NXP Semiconductors PCA9420BS Datasheet HTML 19Page - NXP Semiconductors PCA9420BS Datasheet HTML 20Page - NXP Semiconductors PCA9420BS Datasheet HTML 21Page - NXP Semiconductors PCA9420BS Datasheet HTML 22Page - NXP Semiconductors PCA9420BS Datasheet HTML 23Page - NXP Semiconductors PCA9420BS Datasheet HTML 24Page - NXP Semiconductors PCA9420BS Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
aaa-033083
Device in non-charging mode
- VIN < VINUVLO
- CHG_EN=0 or 1
- TJ < TJ(OFF), 150°C
Any Charging State
VBAT > VBAT_DEAD
&&
tDGL_BAT_DEAD2LOW, 50µs
Charging Stopped
Any
charging
state
A programmed watchdog timer expired in
nEN_CHG_IN_WATCHDOG=1
&& WD_TIMER_A/B/C/D=2b01, 10, or 11
or
TJ ≥ a programmed TSHDN
or
One of the safety timers
(TCHG_PREQ & TCHG_FAST) expired
VIN has been validated
&&
Battery attached
&&
CHG_EN=1
Device in Dead Battery Charging
- Charge current=ICHG_DEAD
- TCHG_PREQ started counting
Device in Pre-Charge
(Low Voltage) Mode
- Charge current=ICHG_LOW
Device in Fast Charge Mode
- Charge current=ICHG_CC
- TCHG_PREQ reset
- TCHG_FAST started counting
VBAT > VBAT_LOW
&&
tDGL_BAT_LOW2CC, 50µs
Device in Top-Off Mode
- TCHG_FAST reset
- TCHG_TOPOFF started counting
ICHG < ICHG_TOPOFF for
tDGL_BAT_CC2TOPOFF, 20ms
TCHG_TOPOFF expired
Device in DONE Mode
- TCHG_TOPOFF reset
- ICHG=0mA
ICHG > 2x ICHG_TOPOFF or
20mA, whichever is lower
VBAT-VBAT_REG ≤ VBAT_RESTART,
140mV typ (240mV by MTP)
&&
tDGL_BAT_RESTART, 50ms
TJ = A programmed TTHEM_REGULATION
Charging in Thermal Regulation
- ICHG= (A programmed ICHG_CC) x
1_
2
VBAT ≤ VBAT_DEAD
VIN < VBAT +
VINBAT_HEADROOM
VBAT ≤> VBAT_LOW
&&
tDGL_BAT_CC2LOW, 50ms
Any Charging State
Sources 5mA
into battery for
300ms
The battery is
absent (open).
The charger stays
disabled
VBAT<3.4V
Battery detection
circuits sinks 5mA
from the battery
(VBAT) for 300ms
CHG_EN=1
&&
VIN OK
VBAT > 1.9V
Yes
Battery is attached.
Stop detection sequence.
Assert `present' Output
(Starts with the charger state
diagram: ”Device in Dead
Battery Charging”)
`Battery attached'
sequence
Figure 10. Charger state diagram
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
21 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com