Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 18Page - NXP Semiconductors PCA9420BS Datasheet HTML 19Page - NXP Semiconductors PCA9420BS Datasheet HTML 20Page - NXP Semiconductors PCA9420BS Datasheet HTML 21Page - NXP Semiconductors PCA9420BS Datasheet HTML 22Page - NXP Semiconductors PCA9420BS Datasheet HTML 23Page - NXP Semiconductors PCA9420BS Datasheet HTML 24Page - NXP Semiconductors PCA9420BS Datasheet HTML 25Page - NXP Semiconductors PCA9420BS Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
8.13.2 Battery temperature sensing and JEITA-compliant charging profile
aaa-049003
45°C
60°C
10°C
Programmed VBAT_REG
0°C
No operation
during cold fault
Programmed ICHG
(100%)
50%
Cold fault
0
0.2
VHOT VWARM
0.4
0.6
0.8
1.0
VCOOL
1.2
1.4
VCOLD
1.6
Termination
disable
1.8
TS voltage-V
Hot
fault
charge
disable
Figure 11. Operation over TS bias voltage for JEITA
Please refer to Section 8.6 for more details
8.13.3 Battery attach detection
The device has a unique battery detection scheme with two comparators, 1.9 V and 3.4 V. When the detection
scheme is executed, a 5 mA current sink is activated to determine battery presence by detecting the fall
threshold, VBAT_DET_LOW, 1.9 V typ. In addition, a 5 mA current source is used to detect battery voltage whether
it stays above the threshold, VBAT_DET_UP, 3.4 V. If both conditions are met, absence of battery is declared.
Battery detection sequence steps:
1. VBAT Sources 5 mA current to the PMIC Battery Detection Circuit.
2. If VBAT voltage is above 1.9 V, the battery is present. Stop the detect sequence, assert the “present” output.
3. Else if VBAT voltage is below 1.9 V, source 5 mA from PMIC into VBAT pin.
4. If VBAT voltage is below 3.4 V, the battery is present. Stop the detect sequence, assert the “present” output.
5. Else if VBAT voltage is above 3.4 V, the battery is absent (open). The charger stays disabled.
NOTE: The battery detect source and sink are separate dedicated circuits; 5 mA is a constant, not
programmable. The reset source is recorded on the "Reset monitor" register (address 0x71h)
For more details, see Figure 10.
8.13.4 Low-battery/dead-battery (pre-qualification) charging
If the battery is detected and VBAT < VBAT_LOW, the charger initiates pre-charging using a predefined (I2C
register) current.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
22 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com