Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 73 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 69Page - NXP Semiconductors PCA9420BS Datasheet HTML 70Page - NXP Semiconductors PCA9420BS Datasheet HTML 71Page - NXP Semiconductors PCA9420BS Datasheet HTML 72Page - NXP Semiconductors PCA9420BS Datasheet HTML 73Page - NXP Semiconductors PCA9420BS Datasheet HTML 74Page - NXP Semiconductors PCA9420BS Datasheet HTML 75Page - NXP Semiconductors PCA9420BS Datasheet HTML 76Page - NXP Semiconductors PCA9420BS Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MODESEL0/MODESEL1
VIH1
Logic Input High
Threshold
1.5
V
VIL1
Logic Input Low
Threshold
0.4
V
ILK1
Logic Pin Leakage
Current
Pulled up to 5.0 V
0.1
1
µA
tdebounce_1
Debounce time
for MODESEL0,
MODESEL1
1
µs
ON
VIH2
Logic Input High
Threshold
Note: ON pin internally pulled up, no
external pull-up voltage needed.
70 % *
VBAT
V
VIL2
Logic Input Low
Threshold
0.4
V
tdebounce
Debounce time for ON
To initiate the default power-up
sequence
200
µs
SYSRSTn, INTB
VOL1
Low-level output voltage
at 1 mA sink current
0.5
V
ILK2
Logic Pin Leakage
Current
Pulled up to 5.0 V
0.01
0.1
µA
VPULLUP1
Minimum Supply Voltage
for valid Open-drain
signal
1.5
V
Table 86. EC table for I2C and Logic...continued
[1]
Guaranteed by design and characterization; not tested in production.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
73 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com