Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 45Page - NXP Semiconductors PCA9420BS Datasheet HTML 46Page - NXP Semiconductors PCA9420BS Datasheet HTML 47Page - NXP Semiconductors PCA9420BS Datasheet HTML 48Page - NXP Semiconductors PCA9420BS Datasheet HTML 49Page - NXP Semiconductors PCA9420BS Datasheet HTML 50Page - NXP Semiconductors PCA9420BS Datasheet HTML 51Page - NXP Semiconductors PCA9420BS Datasheet HTML 52Page - NXP Semiconductors PCA9420BS Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
00110=1.650 V
01111=1.875 V
11000=2.100 V
00111=1.675 V
10000=1.900 V
11001-11111=2.1 V
(default)
01000=1.700 V
10001=1.925 V
Table 51. LDO2 default output voltage for mode setting 0...continued
9.5.32 Mode configuration mode setting 1_0 (MODECFG_1_0, address 26h)
This register contains mode setting 1, part 0 configuration register. This is a READ AND WRITE register.
Bit
Symbol
Default value Type
Function
7
SHIP_EN_1
0
R/W
Ship mode enable/disable in mode setting 1
0: Device is NOT set in ship mode
1: Device is set in ship mode
6
EN_MODE_
SEL_BY_PIN_1
0
R/W
MODESEL0/MODESEL1 Control Selection in mode setting 1:
0: mode control by internal I2C register bits, MODE0_I2C and/or
MODE1_I2C only; signal applied on external MODESEL0/MODESEL1
pins is ignored.
1: mode control by signal applied on external MODESEL0 and/or
MODESEL1 pins only, not by internal I2C register bits, MODE0_I2C
and MODE1_I2C
5
4
3
2
1
0
SW1_OUT_1
[5:0]
011100
R/W
SW1 output voltage for mode setting 1 (see below).
Table 52. MODECFG_1_0 register bit description
000000=0.500 V
001110=0.850 V
011100=1.200 V
(default)
000001=0.525 V
001111=0.875 V
011101=1.225 V
000010=0.550 V
010000=0.900 V
011110=1.250 V
000011=0.575 V
010001=0.925 V
011111=1.275 V
000100=0.600 V
010010=0.950 V
100000=1.300 V
000101=0.625 V
010011=0.975 V
100001=1.325 V
000110=0.650 V
010100=1.000 V
100010=1.350 V
000111=0.675 V
010101=1.025 V
100011=1.375 V
001000=0.700 V
010110=1.050 V
100100=1.400 V
001001=0.725 V
010111=1.075 V
100101=1.425 V
001010=0.750 V
011000=1.100 V
100110=1.450 V
001011=0.775 V
011001=1.125 V
100111=1.475 V
001100=0.800 V
011010=1.150 V
101000=1.500 V
Table 53. SW1 output voltage for Mode Setting 1
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
49 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com