Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 14Page - NXP Semiconductors PCA9420BS Datasheet HTML 15Page - NXP Semiconductors PCA9420BS Datasheet HTML 16Page - NXP Semiconductors PCA9420BS Datasheet HTML 17Page - NXP Semiconductors PCA9420BS Datasheet HTML 18Page - NXP Semiconductors PCA9420BS Datasheet HTML 19Page - NXP Semiconductors PCA9420BS Datasheet HTML 20Page - NXP Semiconductors PCA9420BS Datasheet HTML 21Page - NXP Semiconductors PCA9420BS Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
8.12.6 LDO1 (always-on LDO)
The LDO1 (Always-on LDO) output can be programmed from 1.7 V to 1.9 V at 25 mV step, depending on the
system requirements (selectable through I2C register). Typically, a 1 µF/6.3 V MLCC output capacitor providing
at least 1 mA loading capability is needed.
LDO1 operates based on the principle of hysteretic on/off regulation. The LDO1 output voltage is generated
from a frequent activation/deactivation of the output stage connecting VBAT to the LDO1 output depending
on the programmed output voltage for LDO1. The ripple frequency and amplitude are dependent on the load
current and external capacitance. The greater the load current, the higher the on/off activation of this output
stage to ensure LDO1 stays within the defined output voltage accuracy specified in the electrical specification
section. LDO1 is powered by the greater of ASYS or VBAT_BKUP.
SW_RST event does not shut down LDO1, but sets LDO1 to default value. Watchdog Reset does not shut
down LDO1, but changes LDO1 to Mode 0 setting. SHIP mode/ Hardware Reset (ON Long Press) shuts down
LDO1 and recycles power up to default output voltage.
8.12.7 LDO2 (system LDO)
The LDO2 (system LDO) output can be programmed via the I2C register from 1.5 V to 2.1 V, or 2.7 V to 3.3 V
at 25 mV/step. Typically, a 2.2 µF/6.3 V MLCC output capacitor providing at least 250 mA loading current is
needed.
8.13 Linear battery charger
The battery charger is a linear charger. Its charging is done through a linear switch with the following output
protections:
• If VIN is not present and ASYS is supplied by VBAT, there is no current limiting on that power path
• Reverse current protection
– (triggers when ASYS < VBAT+ VINBAT_HEADROOM*)
• JEITA compliant charging current limiting
– (a function of programmed threshold and battery temperature)
• VBAT short circuit protection
– Short circuit output voltage threshold: (typ 0.8 V with 80 mV hysteresis)
– Maximum output sourcing current during “short circuit” detection ~ 13 mA (VIN2BAT_HEADROOM =
100 mV, typical)
If the battery voltage is below the VBAT_LOW threshold, the battery is considered discharged and a
preconditioning cycle begins. The amount of pre-charge current (ICHG_LOW) can be programmed through
I2C register setting. This feature is useful when there is a load connected directly across the battery (at VBAT
pin) “stealing” the battery current. The pre-charge current can be set higher to account for the system loading
while allowing the battery to be properly conditioned. Once the battery voltage has charged to the VBAT_LOW
threshold, fast charge is initiated and a programmed fast charge current (ICHG_CC) is applied. The fast charge
constant current is programmed using I2C register. The constant current provides the bulk of the charge. Power
dissipation in the device is greatest in fast charge with a lower battery voltage.
If the device reaches a programmed thermal regulation threshold temperature (defined by the configuration on
the THM_REG bit fields on the CHG_CNTL7 register) from 85 °C to 115 °C in 5 °C steps, the device enters
thermal regulation. This is indicated by the TREG_STATUS bit field on the CHG_STATUS_1 register. Thermal
regulation increases the safe-charging-timer period by 2x and reduces the charge current in half (if the initial
current is 5 mA, it remains unchanged) to keep the temperature from rising any further when battery charger
works in constant current charging mode, or at a reduced regulated voltage when battery charger works in
constant voltage charging mode.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
18 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com