Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 30Page - NXP Semiconductors PCA9420BS Datasheet HTML 31Page - NXP Semiconductors PCA9420BS Datasheet HTML 32Page - NXP Semiconductors PCA9420BS Datasheet HTML 33Page - NXP Semiconductors PCA9420BS Datasheet HTML 34Page - NXP Semiconductors PCA9420BS Datasheet HTML 35Page - NXP Semiconductors PCA9420BS Datasheet HTML 36Page - NXP Semiconductors PCA9420BS Datasheet HTML 37Page - NXP Semiconductors PCA9420BS Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default
value
Type
Function
10: 3.3 V
11: 3.5 V
Table 18. TOP_CNTL1 register bit description...continued
9.5.11 Top level control_2 (TOP_CTL2, address 0Bh)
This register contains various configuration bits for top level related functions, part 2. This is a READ AND
WRITE register.
Bit
Symbol
Default value
Type
Function
7
6
ASYS_UVLO_SEL
[1:0]
11
R/W
Program a UVLO threshold on ASYS
00: 2.4 V
01: 2.5 V
10: 2.6 V
11: 2.7 V
5
RSVD
0
R/W
Reserved bit
4
3
2
THEM_SHDN
[2:0]
011
R/W
Program a thermal shutdown threshold, TSHDN, in
rising(hysteresis with 20°C)
000: 95 °C
001: 100 °C
010: 105 °C
011: 110 °C
100: 115 °C
101: 120 °C
110: 125 °C
111: reserved
1
0
DIE_TEMP_WARNING
[1:0]
10
R/W
Program a Die temperature warning threshold
00: 75 °C
01: 80 °C
10: 85 °C
11: 90 °C
Table 19. TOP_CNTL2 register bit description
9.5.12 Top level control_3 (TOP_CTL3, address 0Ch)
This register contains various configuration bits for top level related functions, part 3. This is a READ AND
WRITE register.
Bit
Symbol
Default value Type
Function
7
RSVD
0
R/W
Reserved bit
6
RSVD
0
R/W
Reserved bit
5
RSVD
0
R/W
Reserved bit
4
MODE1_I2C
0
R/W
3
MODE0_I2C
0
R/W
Depending on EN_MODE_SEL_BY_PIN_x (x=”0”, or “1”, or “2”, or “3”)
bit setting, the chip mode control is set by either the I2C bit MODE1_I2
C/ MODE0_I2C value, or the signal applied on external MODESEL1/
Table 20. TOP_CNTL3 register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
34 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com