Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 31Page - NXP Semiconductors PCA9420BS Datasheet HTML 32Page - NXP Semiconductors PCA9420BS Datasheet HTML 33Page - NXP Semiconductors PCA9420BS Datasheet HTML 34Page - NXP Semiconductors PCA9420BS Datasheet HTML 35Page - NXP Semiconductors PCA9420BS Datasheet HTML 36Page - NXP Semiconductors PCA9420BS Datasheet HTML 37Page - NXP Semiconductors PCA9420BS Datasheet HTML 38Page - NXP Semiconductors PCA9420BS Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type
Function
MODESEL1 pins. Refer to EN_MODE_SEL_BY_PIN description for
more details.
With EN_MODE_SEL_BY_PIN=0, the mode selection is determined
by the following:
[MODE1_I2C: MODE0_I2C] = 00, mode 0 setting
[MODE1_I2C: MODE0_I2C] = 01, mode 1 setting
[MODE1_I2C: MODE0_I2C] = 10, mode 2 setting
[MODE1_I2C: MODE0_I2C] = 11, mode 3 setting
2
SW_RST
0
W/C
Chip software reset bit. If user writes a “1” to this bit, it resets all other
I2C register bit to its default setting and cycles the regulator outputs,
and meanwhile, this bit clears and resets back to “0” as well.
1
0
ON_GLT_LONG
[1:0]
01
R/W
Program a long glitch timer on ON key
00: 4 s
01: 8 s
10: 12 s
11: 16 s
Note: 2-bit MTP should be reserved to change the default setting
Table 20. TOP_CNTL3 register bit description...continued
9.5.13 Top level control_4 (TOP_CTL4, address 0Dh)
This register contains various configuration bits for top level related functions, part 4. This is a WRITE ONLY
register.
Bit
Symbol
Default value Type
Function
7
6
5
4
3
RSVD
00000
W
Reserved bit
2
1
0
WD_TIMER_CLR
[2:0]
000
W
Watchdog Timer Reset.
001: When written 001 to WD_TIMER_CLR [2:0], the watchdog timer
is reset.
All other values: when written to WD_TIMER_CLR [2:0], watchdog
timer remains unaffected.
Table 21. TOP_CNTL4 register bit description
9.5.14 Battery charger control_0 (CHG_CTL0, address 10h)
This register stores the linear battery charge related control registers, part 0. This is a READ AND WRITE
register.
Bit
Symbol
Default value Type
Function
7
6
5
CHG_LOCK
[4:0]
00000
R/W
Critical charger related setting lock.
CHG_LOCK [4:0] = 10101, these registers which are labeled as
“locked by CHG_LOCK” can be accessed to perform I2C “write”
command.
Table 22. CHG_CNTL0 register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
35 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com