Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 10Page - NXP Semiconductors PCA9420BS Datasheet HTML 11Page - NXP Semiconductors PCA9420BS Datasheet HTML 12Page - NXP Semiconductors PCA9420BS Datasheet HTML 13Page - NXP Semiconductors PCA9420BS Datasheet HTML 14Page - NXP Semiconductors PCA9420BS Datasheet HTML 15Page - NXP Semiconductors PCA9420BS Datasheet HTML 16Page - NXP Semiconductors PCA9420BS Datasheet HTML 17Page - NXP Semiconductors PCA9420BS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
This also applies during the power-up/power-down sequence events, i.e., during power- up or power-down
event, the SYSRSTn signal should assert when any of the enabled rail has not reaches the 90 % to 110 % of its
target value. In other words, the SYSRSTn = 0 (low) needs to remain at such state until all enabled rails reach
90 % of the target values.
Once the condition that caused the SYSRSTn signal to go low is removed, then the SYSRSTn should refresh
accordingly.
Meanwhile, during the voltage change on-the-fly, this could be caused by:
1. Mode setting remains the same, but the user chooses to change one or some of the enabled output rail
voltage by programming its output voltage I2C register setting
2. Mode setting changes by setting different values on MODESEL0/MODESEL1 pins or MODE0_I2C/
MODE1_I2C bits, and it causes one or some of the output rail voltage change
In such case, the SYSRSTn signal does NOT assert when any of the enabled voltage rail output voltage is in
the middle of the transition from initial output voltage level to target level.
8.10 SHIP mode
PCA9420 features a “SHIP mode”, in which the chip provides the lowest quiescent consumption. Ship mode is
designed to operate only from VBAT. Ship mode should not be entered when both VIN and VBAT are present.
To enter the SHIP mode, set the bit of SHIP_EN_x (x can be 0, 1, 2 or 3) in each Mode register to 1. Once the
bit is set to 1, the ship mode immediately takes place regardless of any operation under any mode setting. It
means that the SHIP mode has a higher priority over any conditions and operations.
Upon request to enter the ship mode while the device is running in active mode, a power-down sequence
should take place first and then enter the ship mode.
Once the device enters ship mode, all the I2C register
values are reset to their default setting.
To exit ship mode, one of the following conditions must be satisfied:
1. ON pin falling edge (filtered) applied, less than the long-press duration of time
2. A valid VIN attached. For the VIN attached plugin event, depending on
OPERATION_SEL_FROM_SHIPMODE bit setting, there are two possible operations as described below:
a. OPERATION_SEL_FROM_SHIPMODE=0, upon VIN attached, the chip enables the charging process,
as well as start the power-up sequence for LDO1/LDO2/SW1/SW2 per the setting
b. OPERATION_SEL_FROM_SHIPMODE=1, upon VIN attached, the chip enables the charging process,
LDO1/LDO2/SW1/SW2 remains in shutdown mode and the chip enables only the power-up sequence
upon ON pin falling edge signal.
8.11 Watchdog timer
PCA9420 provides an on-chip watchdog timer, the duration of this watchdog can be programmed via I2C
register setting (WD_TIMER_x [1:0] in each mode configuration registers), or disabled if needed in each mode
setting.
Upon initial enable, the watchdog timer starts counting. If the watchdog timer expires before reset, an interrupt
signal is issued (WD_TIMER). Depending on the I2C register setting (nEN_CHG_IN_WATCHDOG), the
following action is also taken:
1. nEN_CHG_IN_WATCHDOG = 0: when the watchdog timer expires, the following operations are expected.
• The SYSRSTn signal asserted (high to low)
• Charging is continued based on battery condition
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
14 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com