Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 13Page - NXP Semiconductors PCA9420BS Datasheet HTML 14Page - NXP Semiconductors PCA9420BS Datasheet HTML 15Page - NXP Semiconductors PCA9420BS Datasheet HTML 16Page - NXP Semiconductors PCA9420BS Datasheet HTML 17Page - NXP Semiconductors PCA9420BS Datasheet HTML 18Page - NXP Semiconductors PCA9420BS Datasheet HTML 19Page - NXP Semiconductors PCA9420BS Datasheet HTML 20Page - NXP Semiconductors PCA9420BS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
On-the-fly output voltage change is defined as the following: for any output rail, its output voltage changes from
one level (initial level) to another level (target level). Note this assumes the output rail is always enabled before
and after the on-the-fly change transition. It does not include the case when any output rail is changed from
disabled state to enabled state, or vice versa.
If a user prefers to change any rail voltage on-the-fly, depending on the scenarios listed below, the chip behavior
is described as follows:
1. While the chip remains in its current operation mode, and the user programs the output voltage setting I2C
register value or enables/disables any or some of output voltage rail(s), the chip simply executes the I2C
command
2. While the user chooses to switch modes, i.e. change mode between any of the two mode settings among
Mode 0/1/2/3, and if this involves on-the-fly voltage change for one or some output rails, such change
should occur simultaneously when the chip switches from initial mode to the target mode.
CAUTION: The user should not send an I2C command related to changing the setting of the output rails during
the power up/down or mode setting change process.
8.12.4 BUCK1 (SW1, core buck regulator)
The SW1 supplies the core power.
Its output voltage can be programmed via I2C from 0.5 V to 1.5 V at 25 mV step and a fixed 1.8 V, which is
capable of providing up to 250 mA loading. The application circuit uses typical 2.2 µH inductor and 10 µF/6.3 V
output capacitor.
8.12.5 BUCK2 (SW2, system buck regulator)
The SW2 output voltage can be programmed via I2C register from 1.5 V to 2.1 V, or from 2.7 V to 3.3 V in both
at 25 mV/step and is capable of providing up to 500 mA loading. The application circuit uses a 2.2 µH inductor
and 10 µF output capacitor.
In SW2, a pass-through mode is implemented. When its input (ASYS) is close to the output voltage (within
typical 200 mV), the SW2 enters the pass-through mode operation; the high-side switch is fully turned on and
the low-side switch is turned off, and the output voltage can be calculated as input voltage – (RDSON*ILOAD),
where RDSON is the on-resistance of the high-side switch, and the ILOAD refers to the load current. When the
input voltage rises again, so that the voltage different between input and output crosses the typical 250 mV
threshold, the SW2 exits the pass-through mode and re- enters the normal switching mode operation.
While SW2 operates in pass-through mode, protection features such as over-current protection are also
implemented as well.
aaa-033081
VSW2_Regulation
VPSYS2
(VPSYS2 - VSW2_Regulation)=200mV
50mV
SW2 in regulation mode
SW2 in pass-through mode
SW2 in regulation mode
Delta V=RRDS_ON_High_side x ILOAD
Delta V
Figure 8. Pass-Through mode of BUCK2 (SW2)
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
17 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com