Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 12Page - NXP Semiconductors PCA9420BS Datasheet HTML 13Page - NXP Semiconductors PCA9420BS Datasheet HTML 14Page - NXP Semiconductors PCA9420BS Datasheet HTML 15Page - NXP Semiconductors PCA9420BS Datasheet HTML 16Page - NXP Semiconductors PCA9420BS Datasheet HTML 17Page - NXP Semiconductors PCA9420BS Datasheet HTML 18Page - NXP Semiconductors PCA9420BS Datasheet HTML 19Page - NXP Semiconductors PCA9420BS Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
2. During power-down sequence stage
3. During the on-the-fly change of output voltage
8.12.3 Power-up/down sequence and on-the-fly voltage change
Power-up sequence
The device initiates the default power-up sequence in three different conditions.
Condition 1) The device is off with no any power supply (No valid VIN and No battery with 2.7 V or above
attached). In this condition, two signals below are able to start the default power-up sequence.
• A valid VIN supply on VIN pin
• A voltage on ASYS higher than ASYS_UVLO, a 2.8 V typical
Condition 2) The device stays off by enabling SHIPMODE or in SHIP mode with a battery ≥ 2.8 V attached. In
this condition, two signals are able to start the default power-up sequence.
• A valid VIN supply on VIN pin
• A falling edge on ON key over a 200 µs
Condition 3) The device stays off by enabling PWR_DN_EN bit setting to 1 with a battery ≥ 2.8 V attached. In
this condition, only one signal is able to start the default power-up sequence.
• A falling edge on ON key over a 200 µs
Condition 4) The device stays at VIN OVP condition with no any valid supply attached at VBAT. In result, all
enabled power rails have been off. The following condition re-initiates the power-up sequence.
• The VIN goes below its VIN OVP hysteresis (typ 100 mV)
The power-up sequence by ON key=Low over the debounce time is described as shown in Figure 7.
For the power-up sequence, the chip can set the default sequence per the customer requirement at factory
setting (i.e. MTP option), from one of the 64 options. Once the chip enters the power-down stage, the power-
down sequence is implemented as the reverse of the power-up sequence (i.e., first up, last down).
aaa-033080
POWER-UP SEQUENCE
ON Key
Default-On Rails
Position 1
=1ms
SYSRSTn
POWER-OFF STATE
CONTROL BY PROCESSOR
TPWUP_DLY_INTERVAL
(ON Long-Press Timer, 4s,8s,12s or 16s)
tON_LONG_PRESS
90%
2
3
4
TON_DEBOUNCE
=200µs
NOTE: BUCK1, BUCK2, LDO1 and LDO2 can be assigned to any of positions 1 through 4.
Positions 1 through 4 are LDO1, BUCK2, LDO2, and BUCK1.
(NOTE)
3
2
1
=2ms
The ON Key shall be pulled high
to avoid power recycle initiated
by a programmed ON long-Press
timer expired
PWR_DN_EN bit=1
OR
SHIP_EN_x bit=1
Position 4
POWER-DOWN SEQUENCE
TPWDOWN_DLY_INTERVAL
Figure 7. Power-up/down sequence
On-the-fly output voltage change sequence
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
16 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com