Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 43Page - NXP Semiconductors PCA9420BS Datasheet HTML 44Page - NXP Semiconductors PCA9420BS Datasheet HTML 45Page - NXP Semiconductors PCA9420BS Datasheet HTML 46Page - NXP Semiconductors PCA9420BS Datasheet HTML 47Page - NXP Semiconductors PCA9420BS Datasheet HTML 48Page - NXP Semiconductors PCA9420BS Datasheet HTML 49Page - NXP Semiconductors PCA9420BS Datasheet HTML 50Page - NXP Semiconductors PCA9420BS Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type
Function
0: SW2 Output Voltage = SW2_OUT_0_LSB [4:0] + 0 V
1: SW2 Output Voltage = SW2_OUT_0_LSB [4:0] + 1.2 V
4
3
2
1
0
SW2_OUT_0_LSB
[4:0]
01100
R/W
SW2 default output voltage for mode setting 0 (see below).
Note: The default value for SW2_OUT_A_LSB [4:0] is set
at 1.8 V, but it should be MTP programmable.
Table 46. MODECFG_0_1 register bit description...continued
00000=1.500 V
01001=1.725 V
10010=1.950 V
00001=1.525 V
01010=1.750 V
10011=1.975 V
00010=1.550 V
01011=1.775 V
10100=2.000 V
00011=1.575 V
01100=1.800 V
(default)
10101=2.025 V
00100=1.600 V
01101=1.825 V
10110=2.050 V
00101=1.625 V
01110=1.850 V
10111=2.075 V
00110=1.650 V
01111=1.875 V
11000=2.100 V
00111=1.675 V
10000=1.900 V
11001-11111=2.1 V
01000=1.700 V
10001=1.925 V
Table 47. SW2 default output voltage for mode setting 0
9.5.30 Mode configuration mode setting 0_2 (MODECFG_0_2, address 24h)
This register contains mode setting 0, part 2 configuration register. This is a READ AND WRITE register.
Bit
Symbol
Default value Type
Function
7
6
5
4
LDO1_ OUT_0
[3:0]
0100
R/W
LDO1 default output voltage for mode setting 0 (see below).
Note: The default value for LDO1_OUT_0 [3:0] is set at 1.8V, but it
should be MTP programmable.
3
SW1_EN_0
1
R/W
SW1 Enable Control in mode setting 0:
0: SW1 disabled
1: SW1 enabled
Note: reserve 1-bit MTP to set its default value
2
SW2_EN_0
1
R/W
SW2 Enable Control in mode setting 0:
0: SW2 disabled
1: SW2 enabled
Note: reserve 1-bit MTP to set its default value
1
LDO1_EN_0
1
R/W
LDO1 Enable Control in mode setting 0:
0: LDO1 disabled
1: LDO1 enabled
Table 48. MODECFG_0_2 register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
47 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com