Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420BS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9420BS
Description  Power management IC for low-power microcontroller applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420BS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9420BS Datasheet HTML 7Page - NXP Semiconductors PCA9420BS Datasheet HTML 8Page - NXP Semiconductors PCA9420BS Datasheet HTML 9Page - NXP Semiconductors PCA9420BS Datasheet HTML 10Page - NXP Semiconductors PCA9420BS Datasheet HTML 11Page - NXP Semiconductors PCA9420BS Datasheet HTML 12Page - NXP Semiconductors PCA9420BS Datasheet HTML 13Page - NXP Semiconductors PCA9420BS Datasheet HTML 14Page - NXP Semiconductors PCA9420BS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
8.3 ASYS
The ASYS pin serves as the input power pin for PSYS1, PSYS2 and LDO2. Internally by default it’s powered
by either VIN or VBAT, whichever is greater. The internal ASYS input selection circuit ensures a seamless
transition when its input source changes from VIN to VBAT, or vice versa.
Through I2C register setting selection (ASYS_INPUT_SEL [1:0]), the user also has the option to choose the
ASYS input source. However, upon power cycling and/or chip reset, the ASYS input source goes back to the
default setting (option 1 below).
SYS_INPUT_SEL [1:0]
1. 2b’00: From either VBAT or VIN, whichever is greater (default setting);
2. 2b’01: From VBAT only;
3. 2b’10: From VIN only;
4. 2b’11: Disconnect from VBAT or VIN (not a normal operation condition, for INTERNAL test purposes only).
An I2C programmable pre-warning ASYS voltage threshold (ASYS_PRE_WARNING [1:0]) can also be used to
indicate when ASYS voltage drops below the ASYS pre-warning threshold voltage, which triggers an interrupt
event.
If any peripheral regulators are connected to ASYS node, the ASYS node follows a VIN voltage up to a
programmed OVP threshold (either 5.5 V or 6 V) with a various voltage difference depending on a load current.
8.4 VBAT_BKUP (back-up battery input)
Internally, the input power source for LDO1 is provided by either VBAT_BKUP or ASYS, whichever is greater.
When a coin cell battery (or similar battery) is used in the system as a backup battery, it can be connected to
VBAT_BKUP; thus the LDO1 is powered by either ASYS or the backup battery. When no such backup battery is
used, the VBAT_BKUP pin should always be connected to VBAT.
8.5 ON
The ON pin has the following functions implemented:
1. ON pin has internal 1 MΩ pullup resistor to either 2.5 V or VBAT depending on VBAT and VIN voltages:
• When VIN is present (5 V): If VBAT is less than 3.8 V (typical), ON is pulled up to 2.5 V (typical) and if
VBAT is greater than 3.8 V (typical), it is pulled to VBAT.
• When VIN is not present (0 V): ON pin follows VBAT.
Falling edge (filtered after deglitching time, 200 μs typ), active-LOW signal enables the chip and starts the
power-up sequence from STANDBY state. If the device is already in the middle of power-up or power-down
sequence, the falling edge applied on the ON pin is ignored by the chip.
1. Long press (duration time, 4 s, 8 s, 12 s or 16 s, is programmable via I2C, ON_GLT_LONG [1:0]). If the logic
low signal is applied continuously over a programmed duration, the chip gets reset and recycles all power
rails to their default values
2. Also, in mode setting 0, 1, 2, or 3, an I2C bit “ON_CFG_x“ (x=0, 1, 2, or 3) is reserved; by setting its value to
either 0 or 1, the user can configure whether a mode setting switches back to Mode Setting 0 or not, upon
a valid falling edge detected from “ON” pin. Refer to ON_CFG_x bit description in the relation registers for
more details.
3. The filtered falling edge on the ON pin resets the bit of EN_MODE_SEL_BY_PIN_X to the default value, 0,
at 22h register. The status of the ON pin is available in reset monitor register (address 0x71, bit [7]).
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.2 — 26 July 2023
11 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com