Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 14Page - National Semiconductor (TI) CS5535 Datasheet HTML 15Page - National Semiconductor (TI) CS5535 Datasheet HTML 16Page - National Semiconductor (TI) CS5535 Datasheet HTML 17Page - National Semiconductor (TI) CS5535 Datasheet HTML 18Page - National Semiconductor (TI) CS5535 Datasheet HTML 19Page - National Semiconductor (TI) CS5535 Datasheet HTML 20Page - National Semiconductor (TI) CS5535 Datasheet HTML 21Page - National Semiconductor (TI) CS5535 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 555 page
background image
www.national.com
18
Revision 0.8
2.0
Signal Definitions
This section defines the signals and describes the external
interface of the Geode CS5535. Signal multiplexing has
been utilized to a high degree. For example, the IDE and
Flash interfaces are multiplexed on the same balls. Config-
uration is dependent upon the boot options selected (see
Table 2-5 "Boot Options Selection" on page 29). If Flash is
selected, the user has the option of using NOR and/or
NAND Flash devices.
The GPIOs are configurable (e.g., any GPIO input can be
mapped to an interrupt, ASMI, or PME). Figure 2-1 shows
the signals organized in typical functional groups - not all
possible multiplexing is shown.
Where signals are multiplexed, the primary signal name is
listed first and is separated by a plus sign (+). A slash (/) in
a signal name means that the function is always enabled
and available (i.e., time multiplexed).
Figure 2-1. Typical Signal Groups
MHZ66_CLK
RESET_WORK#
RESET_STAND#
MHZ48_CLK
KHZ32_XCI
KHZ32_XCO
MHZ14_CLK
System
Interface
Signals
AD[31:0]
C/BE[3:0]#
PAR
FRAME#
DEVSEL#
IRDY#
TRDY#
STOP#
REQ#
GNT#
PCI
Interface
Signals
IDE_CS0#+FLASH_CS0#+CE0#
IDE_CS1#+FLASH_CS1#+CE1#
IDE_IOR0#+FLASH_RE#
IDE_IOW0#+FLASH_WE#
IDE_AD0+FLASH_AD25/AD[0]+CLE
IDE_RDY0+FLASH_IOCHRDY+RDY/BUSY#
IDE_DREQ0+FLASH_CS2#+CE2#
IDE_DACK0#+FLASH_CS3#+CE3#
GPIO2+IDE_IRQ0
IDE/Flash
Signals
IDE_DATA[7:0]+FLASH_AD[17:10]/IO[7:0]
USB_PWR_EN1
USB_PWR_EN2
USB_OC_SENS#
USB1_1_DATPOS
USB1_1_DATNEG
USB1_2_DATPOS
USB1_2_DATNEG
USB2_1_DATPOS
USB2_1_DATNEG
USB2_2_DATPOS
USB2_2_DATNEG
USB
Interface
GPIO14+SMB_CLK
GPIO15+SMB_DATA
AC_S_OUT+BOS1
AC_S_IN
AC_S_SYNC+BOS0
GPIO1+AC_BEEP
LPC
Interface
IDE_AD[2:1]+FLASH_AD[27:26]/AD[2:1]
IDE_DATA[14:8]+FLASH_AD[24:18]/AD[9:3]
IDE_DATA15+FLASH_ALE
Interface
GPIO10+THRM_ALRM#
Signals
RESET_OUT#
WORKING
SUSP#/CIS
SUSPA#
IRQ13
VBAT
VSS_BAT1
VSS_BAT2
LVD_EN#
PCI_CLK
IDE_RESET#
AVSS_USB
AVDD_USB
LPC_CLK
LPC_AD[3:0]+GPIO[19:16]
LPC_DRQ#+GPIO20
LPC_SERIRQ+GPIO21
LPC_FRAME#+GPIO22
GPIO11+SLP_CLK_EN#+MFGPT_C2
GPIO24+WORK_AUX
GPIO25+LOW_BAT#+MFGPT7_C2
GPIO28+PWR_BUT#
Signals
GPIO0 (PCI_INTA#)
GPIO3+UART2_RX (DDC_SCL)
GPIO4+UART2_TX (DDC_SDA)
GPIO5+MFGPT1_RS+MFGPT0_C1
GPIO6+MFGPT0_RS+MFGPT1_C1+MFGPT2_C2
GPIO7+MFGPT2_C1+SLEEP_X (PCI_INTB#)
GPIO8+UART1_TX+UART1_IR_TX
GPIO9+UART1_RX+UART1_IR_RX
GPIO26+MFGPT7_RS (PME#)
GPIO27+MFGPT7_C1+32KHZ
GPIOs and
“Recommended”
Usage
TCK
TMS
TDI
TDO
T_DEBUG_IN
T_DEBUG_OUT
LVD_TEST
TEST_MODE
FUNC_TEST
VCORE [Total of 8]
VCORE_VSB [Total of 1]
VIO [Total of 14]
VIO_VSB [Total of 1]
VSS [Total of 18]
NC [Total of 19]
Audio
Codec 97
Interface
Signals
Debug and
Interface Signals
Manufacturing
Power,
Ground,
and
No Connects
Note: Bold-italicized signal
names in parenthesis denote
a “recommended” use for a
specific GPIO. See Table 2-8
"GPIO Options" on page 42 for
additional details.
AC_CLK
GPIO12+AC_S_IN2+SLEEP_Y
GPIO13+SLEEP_BUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com