Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 68Page - National Semiconductor (TI) CS5535 Datasheet HTML 69Page - National Semiconductor (TI) CS5535 Datasheet HTML 70Page - National Semiconductor (TI) CS5535 Datasheet HTML 71Page - National Semiconductor (TI) CS5535 Datasheet HTML 72Page - National Semiconductor (TI) CS5535 Datasheet HTML 73Page - National Semiconductor (TI) CS5535 Datasheet HTML 74Page - National Semiconductor (TI) CS5535 Datasheet HTML 75Page - National Semiconductor (TI) CS5535 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 555 page
background image
www.national.com
72
Revision 0.8
Global Concepts and Features (Continued)
3.9
POWER MANAGEMENT
Typically the three greatest power consumers in a comput-
ing device are the display, the hard drive (if it has one) and
the system electronics. The CPU usually consumes the
most power of all the system electronic components. Man-
aging power for the first two is relatively straightforward in
the sense that they are simply turned on or off. Managing
CPU power is more difficult since effective use clock con-
trol technology requires effective detection of inactivity,
both at a system level and at a code processing level.
Power consumption in a GX2 or other Geode processor
based system is managed with the use of both hardware
and software. The complete hardware solution is provided
for only when the GX2 processor is combined with the
CS5535 Geode I/O companion.
The processor power consumption is managed primarily
through a sophisticated clock stop management technol-
ogy. The processor also provides the hardware enablers
from which the complete power management solution
depends on.
Basically two methods are supported to manage power
during periods of inactivity. The first method, called activity
based power management allows the hardware in the
Geode I/O companion to monitor activity to certain devices
in the system and if a period of inactivity occurs take some
form of power conservation action. This method does not
require OS support because this support is handled by
SMM software. Simple monitoring of external activity is
imperfect as well as inefficient. The second method, called
passive power management, requires the OS to take an
active role in managing power. National supports two appli-
cation programming interfaces (APIs) to enable power
management by the OS: Advanced Power Management
(APM) and Advanced Configuration and Power Interface
(ACPI). These two methods can be used independent of
one another or they can be used together. The extent to
which these resources are employed depends on the appli-
cation and the discretion of the system designer.
The GX2 processor and Geode CS5535 I/O companion
devices contain advanced power management features for
reducing the power consumption of the processor, I/O com-
panion and other devices in the system.
3.9.1
Power Domains
In order to support power management in periods of inac-
tivity as well as “off” conditions, the CS5535 is divided into
three power domains:
• Working Domain - Consists of VCORE and VIO
• Standby Domain - Consists of VCORE_VSB and VIO_VSB
• RTC Domain - Consists of VBAT
When the system is in an operational mode all three of the
domains are on. In general the power management tech-
niques used while operating produce power savings with-
out user awareness. The performance and usability of the
system is unaffected.
When the system is “off” only the standby domain is pow-
ered. If desired, the operational design can allow returning
the system to the operational point when the system was
last “on”. This “instant on” feature is a requirement for many
battery powered systems.
If the system has been removed from all power sources the
Real Time Clock (RTC) can be kept operating with a small
button battery.
All sections of CS5535 use the Working domain except:
Standby Domain
• GPIO[31:24] and associated registers.
• GPIO Input Conditioning Functions 6 and 7.
• GPIO Power Management Events (PMEs) 6 and 7.
• MFGPT[7:6].
AD[31:0]
U1, T3, U3,
R4, T4, R5,
T5, U5, T6,
U6, R7, T7,
U7, R8, T8,
U8, R12, T12,
U12, R13,
T13, U13,
R14, T14,
P15, R15,
T15, P16, T16,
R16, T17, R17
Pad driven to 0.
Table 3-12. Sleep Driven IDE Signals
Signal
Ball No.
Direction
IDE_CS[1:0]#
C10, B10
Pad driven to 0.
IDE_IOR0#
B13
Pad driven to 0.
IDE_IOW0#
C13
Pad driven to 0.
IDE_AD[2:0]
B11, A12, A11
Pad driven to 0.
IDE_RESET#
F15
Pad driven to 0.
IDE_RDY0
A13
Pad TRI-STATE. Internal
logic sees logic 0.
IDE_DREQ0
A14
Pad TRI-STATE. Internal
logic sees logic 0.
IDE_DACK0#
C12
Pad driven to 0.
IDE_DATA[15:0]
C14, B15,
B16, A17,
C17, D16,
D17, E17,
E16, E15,
D15, B17,
C16, C15,
A15, B14
Pad driven to 0.
Table 3-11. Sleep Driven PCI Signals
Signal
Ball No.
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com