Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 43Page - National Semiconductor (TI) CS5535 Datasheet HTML 44Page - National Semiconductor (TI) CS5535 Datasheet HTML 45Page - National Semiconductor (TI) CS5535 Datasheet HTML 46Page - National Semiconductor (TI) CS5535 Datasheet HTML 47Page - National Semiconductor (TI) CS5535 Datasheet HTML 48Page - National Semiconductor (TI) CS5535 Datasheet HTML 49Page - National Semiconductor (TI) CS5535 Datasheet HTML 50Page - National Semiconductor (TI) CS5535 Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 555 page
background image
Revision 0.8
47
www.national.com
Signal Definitions (Continued)
SLEEP_X
C2
GPIO7
O
Sleep X. This general purpose power control output becomes
active as the CS5535 enters and exits various power management
modes. It may be used by external devices to control their power
states synchronous with power state changes in the CS5535. It
may be configured as active high or active low.
SLEEP_Y
J3
GPIO12
O
Sleep Y. This general purpose power control output becomes
active as the CS5535 enters and exits various power-manage-
ment modes. It may be used by external devices to control their
power states synchronous with power state changes in the
CS5535. It may be configured as active high or active low.
SMB_CLK_IN
G3
GPIO14
I
SMB Clock In / SMB Clock Out. This is the clock for the SMB. In
order to use it properly, the associated GPIO (GPIO14) should be
set to AUX_IN and AUX_OUT_1 simultaneously. The SMB con-
troller determines the direction (in or out) of the associated ball.
SMB_CLK_OUT
O
SMB_DATA_IN
F1
GPIO15
I
SMB Data In / SMB Data Out. This is the data line for the SMB. In
order to use it properly, the associated GPIO (GPIO15) should be
set to AUX_IN and AUX_OUT_1 simultaneously. The SMB con-
troller determines the direction (in or out) of the associated ball.
SMB_DATA_OUT
O
THRM_ALRM#
C3
GPIO10
I
Thermal Alarm. When connected to an external thermal monitor,
this input can act as a thermal fail-safe to shut down power by sig-
nalling the power management controller to de-assert WORKING
and WORK_AUX. Set GPIO10 to the AUX_IN mode to enable this
feature.
IDE_IRQ0
B12
GPIO2
I
IDE Interrupt. Indicates the external IDE device has completed
the DMA operation.
UART1_IR_TX
E3
GPIO8
O
UART1 Infrared Transmit. This signal is the data output (TX)
from the infrared mode of UART1. It is available when GPIO8 is
switched to the AUX_OUT_2 mode
UART1_RX
D1
GPIO9
I
UART1 Receive or UART1 Infrared Receive. This signal is the
data input (RX) to the UART1. It acts as the input in both IR and
conventional modes of UART1. It is available when GPIO9 is
switched to the AUX_IN mode.
UART1_IR_RX
I
UART1_TX
E3
GPIO8
O
UART1 Transmit. This signal is the data output (TX) from the con-
ventional mode of UART1. It is available when GPIO8 is switched
to the AUX_OUT_1 mode.
UART2_RX
E1
GPIO3
I
UART2 Receive. This signal is the data input (RX) to the UART2.
It acts as the input of UART2. It is available when GPIO3 is
switched to the AUX_IN mode.
UART2_TX
E2
GPIO4
O
UART2 Transmit. This signal is the data output (TX) from the con-
ventional mode of UART1. It is available when GPIO4 is switched
to the AUX_OUT_1 mode.
WORK_AUX
C9
GPIO24
O
Working Auxiliary. This output is intended to be used to control
external power sources to all devices except memory (which is
intended to be controlled by WORKING). WORK_AUX de-asserts
in synchronism with WORKING.
2.2.9
Debug and Manufacturing Test Interface
Signal Name
Ball No.
Type
Description
TCK
N2
I
JTAG Test Clock.
Table 2-9. GPIOx Available Functions Descriptions (Continued)
Function Name
Ball
No.
GPIO[x]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com