Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 8Page - National Semiconductor (TI) CS5535 Datasheet HTML 9Page - National Semiconductor (TI) CS5535 Datasheet HTML 10Page - National Semiconductor (TI) CS5535 Datasheet HTML 11Page - National Semiconductor (TI) CS5535 Datasheet HTML 12Page - National Semiconductor (TI) CS5535 Datasheet HTML 13Page - National Semiconductor (TI) CS5535 Datasheet HTML 14Page - National Semiconductor (TI) CS5535 Datasheet HTML 15Page - National Semiconductor (TI) CS5535 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 555 page
background image
www.national.com
12
Revision 0.8
1.0
Architecture Overview
The Geode™ CS5535 provides interfaces for all the com-
mon peripherals of an information appliance, plus offers
expansion for additional needs, if required. Featuring a
33/66 MHz PCI interface to the GX2, the I/O companion is
internally connected using the GeodeLink™ packet archi-
tecture. This architecture supports multiple simultaneous
transactions and is totally transparent to all application soft-
ware. GeodeLink architecture related operations are man-
aged via Model Specific Registers (MSRs) that are detailed
in Section 3.1.6 "Address Spaces and MSRs" on page 52.
As shown in Figure 1-1, the CS5535 is implemented with
one GeodeLink Interface Unit (GLIU) that connects to the:
• GeodeLink PCI South Bridge
• GeodeLink Control Processor
• ATA-5 Controller (IDE Controller multiplexed with Flash
Interface)
• Universal Serial Bus 1 Controller with Ports 1-1 and 1-2
• Universal Serial Bus 2 Controller with Ports 2-1 and 2-2
• Audio Codec 97 (AC97) Controller
• Diverse Device
— Legacy DMA, Timer, and Interrupt (82xx PC Legacy)
— UARTs (2) and IR (1) Port (shared with UART1)
— System Management Bus (SMB) Controller
— Low Pin Count (LPC) Controller
— General Purpose I/O (GPIO) with Input Conditioning
Functions (ICF)
— Multi-Function General Purpose Timers (MFGPTs)
— Flash Interface (multiplexed with IDE interface)
— Real-Time Clock (RTC) with CMOS RAM
Power Management Controller (PMC)The Low Voltage
Detect (LVD) circuit is not a GeodeLink Device (GLD) but is
connected to the Power Management Controller for voltage
monitoring support.
Figure 1-1. Internal Block Diagram
GeodeLink™ PCI
South Bridge
Geode™ GX2 Interface
PCI
GeodeLink™ Control
Processor (GLCP)
Test/Reset
Interface
AC97 Controller
External
Audio
ATA-5 Controller
USB Controller #1
USB Controller #2
33 or 66 MHz
Flash
Interface
82xx PC
Legacy
MFGP
Timers
RTC &
CMOS RAM
UART (2)
& IR (1)
SMB
Controller
LPC
Port
Power
Mgmnt
External USB
Ports 1-1 & 1-2
External USB
Ports 2-1 & 2-2
GeodeLink™
Interface
Unit
External
IDE/Flash
GPIO
Diverse Integration Logic (DIVIL)
Diverse
Device (DD)
Low Voltage
Detect (LVD)
System Power
Voltages
Power Good
for Power On
Reset (POR)
(GLPCI_SB)
(GLIU)
(USBC1)
(USBC2)
(ACC)
(ATAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com