Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CS5535 Datasheet HTML 1Page - National Semiconductor (TI) CS5535 Datasheet HTML 2Page - National Semiconductor (TI) CS5535 Datasheet HTML 3Page - National Semiconductor (TI) CS5535 Datasheet HTML 4Page - National Semiconductor (TI) CS5535 Datasheet HTML 5Page - National Semiconductor (TI) CS5535 Datasheet HTML 6Page - National Semiconductor (TI) CS5535 Datasheet HTML 7Page - National Semiconductor (TI) CS5535 Datasheet HTML 8Page - National Semiconductor (TI) CS5535 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 555 page
background image
© 2003 National Semiconductor Corporation
www.national.com
General Description
The National Semiconductor® Geode™ CS5535 is a com-
plete I/O companion for an integrated processor North
Bridge component such as the Geode GX2 processor
series. Together, the GX2 and CS5535 provide a system-
level solution well suited for the high-performance and low-
power needs of a host of information appliances that
include digital set-top boxes, personal access devices, and
thin client applications.
The internal architecture has been greatly simplified over
previous I/O companions by use of a single, high-perfor-
mance modular structure based on GeodeLink™ architec-
ture. This architecture yields high internal speed (over 4
GB/s) data movement and extremely versatile internal
power management. The GeodeLink architecture is trans-
parent to application software. Communication with the
GX2 processor is over a 33/66 MHz PCI bus.
The CS5535 incorporates many I/O functions, including
those found in typical SuperI/O chips, simplifying many
system designs. Since the graphics subsystem is entirely
contained in the GX2 processor, system interconnect is
simplified. The device contains state-of-the-art power man-
agement that enables systems, especially battery powered
systems, to significantly reduce power consumption.
Audio is supported by an internal controller, designed to
connect to multiple AC97 compatible codecs such as
National’s LM4550. An IR (infrared) port supports all popu-
lar IR communication protocols. The IR port is shared with
one of two industry-standard serial ports that can reach
speeds of 115.2 kbps. An LPC (low pin count) port is pro-
vided to facilitate connections to a SuperI/O should addi-
tional expansion, such as a floppy drive, be necessary,
and/or to an LPC ROM for the system BIOS.
Geode™ CS5535 Block Diagram
GeodeLink™ PCI
South Bridge
Geode™ GX2 Interface
PCI
GeodeLink™ Control
Processor (GLCP)
Test/Reset
Interface
AC97 Controller
External
Audio
ATA-5 Controller
USB Controller #1
USB Controller #2
33 or 66 MHz
Flash
Interface
82xx PC
Legacy
MFGP
Timers
RTC &
CMOS RAM
UART (2)
& IR (1)
SMB
Controller
LPC
Port
Power
Mgmnt
External USB
Ports 1-1 & 1-2
External USB
Ports 2-1 & 2-2
GeodeLink™
Interface
Unit
External
IDE/Flash
GPIO
Diverse Integration Logic (DIVIL)
Diverse
Device (DD)
Low Voltage
Detect (LVD)
System Power
Voltages
Power Good
for Power On
Reset (POR)
(GLPCI_SB)
(GLIU)
(USBC1)
(USBC2)
(ACC)
(ATAC)
Preliminary
July 2003
Revision 0.8
Geode™ CS5535 I/O Companion
Multi-Function South Bridge
National Semiconductor and Virtual System Architecture are registered trademarks of National Semiconductor Corporation.
Geode, GeodeLink, MacPHYTER, WebPAD, and VSA are trademarks of National Semiconductor Corporation.
For a complete listing of National Semiconductor trademarks, please visit www.national.com/trademarks.


Similar Part No. - CS5535

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
Geode??CS5530 I/O Companion Multi-Function South Bridge
logo
Cirrus Logic
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530 CIRRUS-CS5530 Datasheet
277Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
277Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
More results

Similar Description - CS5535

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
Geode??CS5530 I/O Companion Multi-Function South Bridge
CS9210 NSC-CS9210 Datasheet
776Kb / 39P
Geode??CS9210 Graphics Companion DSTN Controller
logo
List of Unclassifed Man...
VT8231 ETC-VT8231 Datasheet
1Mb / 132P
SOUTH BRIDGE PC99 COMPLIANT
logo
National Semiconductor ...
CS5530A NSC-CS5530A Datasheet
4Mb / 259P
Geode CS5530A I/O Companion Multi-Function South Bridge
logo
Advanced Micro Devices
CS5530A AMD-CS5530A Datasheet
2Mb / 259P
AMD Geode CS5530A Companion Device
logo
Integrated Silicon Solu...
IS31IO7325 ISSI-IS31IO7325 Datasheet
368Kb / 15P
MULTI-FUNCTION I/O DRIVER
IS31IO7328 ISSI-IS31IO7328 Datasheet
380Kb / 15P
MULTI-FUNCTION I/O DRIVER
logo
Intel Corporation
GW80314GSSL7NK INTEL-GW80314GSSL7NK Datasheet
1Mb / 88P
Intel짰 GW80314 I/O Companion Chip
logo
Microchip Technology
ECE1117 MICROCHIP-ECE1117 Datasheet
1Mb / 83P
Multi-Function BC-Link/SMBus Companion Device
07/14/15
logo
Contec Co., Ltd
AIO-160802L-LPE CONTEC-AIO-160802L-LPE Datasheet
503Kb / 5P
PCI Express-compliant Multi-function Analog I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com