Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 75Page - National Semiconductor (TI) CS5535 Datasheet HTML 76Page - National Semiconductor (TI) CS5535 Datasheet HTML 77Page - National Semiconductor (TI) CS5535 Datasheet HTML 78Page - National Semiconductor (TI) CS5535 Datasheet HTML 79Page - National Semiconductor (TI) CS5535 Datasheet HTML 80Page - National Semiconductor (TI) CS5535 Datasheet HTML 81Page - National Semiconductor (TI) CS5535 Datasheet HTML 82Page - National Semiconductor (TI) CS5535 Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 555 page
background image
Revision 0.8
79
www.national.com
GLPCI_SB Functional Description (Continued)
4.2.14 CPU Interface Serial (CIS)
The CIS provides the system interface between the
CS5535 and GX2. The interface supports several modes to
send different combinations of 16-bit side-band signals
through the CIS signal (ball P3). The sideband signals are
synchronized to the PCI clock through 2-stage latching.
Whenever at least one of 16 signals is changed, the serial
transfer (using the PCI clock) immediately starts to send
the information from the South Bridge to the North Bridge.
But, if any bit changes within 20 clocks of any previous
change, the later change will not be transmitted during the
transfer. Another transfer will start immediately after the
conclusion of the transfer due to the subsequent change.
There are three modes of operation for the CIS signal (ball
P3). Note that the transmitted polarity may be different than
the “generally defined” polarity state:
• Mode A - Non-serialized mode with CIS equivalent to
SUSP# (reset mode). Not used in normal operation.
• Mode B - Serialized mode with signals SUSP#, NMI,
Sleep, and Delayed Sleep. Not used in normal opera-
tion.
• Mode C - Serialized mode with Mode B signals plus
ASMI, and INTR. Used in normal operation.
If the GLPCI_MSR_CTRL bit HCD (MSR 51000010h[9]) is
set, any in-bound transaction, except in-bound memory
writes, will be held for any CIS transfer to complete before
claiming completion.
Mode selection is programmed in the GLPCI_MSR_CTRL,
bits [4:3] (MSR 51000010h).
Table 4-3 lists the serial data with corresponding side-band
signals. The serial shift register takes the selected side-
band signals as inputs. The signal SMI is the ORed result
of the SSMI_ASMI_FLAG (SSMI Received Event) bit in
GLPCI_SB GLD_MSR_SMI (MSR 51000002h[18]) and the
side-band signal ASMI. It also serves as a direct output to
the processor.
Table 4-3. CIS Serial Bits Assignment and Descriptions
Bit Position
Mode B
Mode C
Comment
start_0
0
0
Start Bit 0
start_1
0
0
Start Bit 1
data 00
1
1
Reserved
data 01
1
1
Reserved
data 02
SUSP
SUSP
Sleep Request
data 03
NMI#
NMI#
Non-Maskable Interrupt
data 04
Sleep#
Sleep#
Power Management Input Disable
data 05
Delayed Sleep#
Delayed Sleep#
Power Management Output Disable
data 06
1
ASMI#
ASMI or SSMI
data 07
1
INTR#
Maskable Interrupt out
data 08
1
1
Reserved
data 09
1
1
Reserved
data 10
1
1
Reserved
data 11
1
1
Reserved
data 12
1
1
Reserved
data 13
1
1
Reserved
data 14
1
1
Reserved
data 15
1
1
Reserved
stop_0
1
1
Stop Bit 0
stop_1
1
1
Stop Bit 1
Note:
Mode A is not listed since it is a non-serialized mode with CIS equivalent to SUSP# (reset mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com