Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CS5535 Datasheet HTML 1Page - National Semiconductor (TI) CS5535 Datasheet HTML 2Page - National Semiconductor (TI) CS5535 Datasheet HTML 3Page - National Semiconductor (TI) CS5535 Datasheet HTML 4Page - National Semiconductor (TI) CS5535 Datasheet HTML 5Page - National Semiconductor (TI) CS5535 Datasheet HTML 6Page - National Semiconductor (TI) CS5535 Datasheet HTML 7Page - National Semiconductor (TI) CS5535 Datasheet HTML 8Page - National Semiconductor (TI) CS5535 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 555 page
background image
www.national.com
2
Revision 0.8
General Description (Continued)
The hard disk controller is an ATA-5 compatible bus mas-
tering IDE controller; includes support for two ATA-compli-
ant devices on one channel. Two dual-port USBs (universal
serial buses, USB specification v1.1 compliant) provide
four ports with both low and full-speed capabilities for Plug
& Play expansion for a variety of consumer peripheral
devices such as a keyboard, mouse, printer, and digital
camera. A battery-backed RTC (real-time clock) keeps
track of time and provides calendar functions.
A suite of 82xx devices provide the legacy PC functionality
required by most designs, including two PICs (programma-
ble interrupt controllers), one PIT (programmable interval
timer) with three channels, and DMA (direct memory
access) functions. The CS5535 contains eight MFGPTs
(multi-function general purpose timers) that can be used for
a variety of functions. A number of GPIOs (general purpose
input/outputs) are provided, and are assigned to system
functions on power-up (i.e., LPC port); each of these may
be reassigned and given different I/O characteristics such
as debounce, edge-triggering, etc.
State-of-the-art power management features are attained
with the division of the device into two internal power
domains. The GPIOs and multi-function timers are distrib-
uted into each of the two domains to allow these to act as
wakeup sources for the device. In addition to full ACPI
(Advanced Configuration Power Interface) compliance and
support of industry-standard Wakeup and Sleep modes,
the device automatically disables clocks from internal
blocks when they are not being used.
Features
General Features
Designed for use with National’s Geode GX2 processor
series
208-Terminal PBGA (plastic ball grid array) package
3.3V I/O and 1.5V (nominal) Core operation
Low power operation: less than 1.0W in Working state
Working and Standby power domains
IEEE 1149.1 compliant TAP and boundary scan
GeodeLink PCI Bridge (South Bridge)
Provides a PCI interface for GeodeLink devices:
— PCI specification v2.2 compliant
— 32-Bit, 33/66 MHz operation
— Transaction FIFOs (first in/first out)
— Bus master or slave
— Converts selected PCI configuration bus cycles to
internal MSR (Model Specific Register) cycles
— Capable of handling in-bound transactions immedi-
ately after reset - no setup
— Mapping of PCI virtual configuration space to MSR
space is done completely in VSA™ (Virtual System
Architecture®) code
— Serialized processor control interface
GeodeLink Control Processor
SUSP#/SUPA# handshake with power management
logic provides Sleep control of all GeodeLink devices
System software debug support using built-in “logic
analyzer” with:
— 8192-bit capture memory
— Capture memory can be organized wide or narrow
— “Analyzer” can be connected to thousands of
possible internal nodes
— Synchronous operation with GX2 GeodeLink Control
Processor
— JTAG interface and system bus interfaces
— For debug use, able to conduct any GeodeLink trans-
action via the JTAG interface
— Manufacturing test support
ATA-5 Controller
66 MB per second IDE Controller in UDMA mode per
the ATA-5 specification
3.3V interface
Legacy and Enhanced PIO (Programmable I/O),
MDMA (Multi DMA), and UDMA (Ultra DMA) modes
One channel with two devices
Multiplexed with Flash interface
Flash Interface
Multiplexed with IDE interface
Connects to array of industry standard NAND Flash
and/or NOR Flash
NOR optional execute-in-place boot source
NAND optional file system
General purpose ISA bus slave-like devices supported
with configurable chip selects
Hardware support for SmartMedia type ECC (Error
Correcting Code) calculation off loading software inten-
sive algorithm
USB Controllers 1 and 2
Two independent host USB controllers; doubles the
throughput of a single controller
Each controller has two ports; total of four ports
USB specification v1.1 compliant, with external crimp
protection diodes
OHCI (Open Host Controller Interface) specification v1.0
compliant
Supports wakeup events
Second generation proven core design
Over-current and power control support
GeodeLink master burst reads and writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com