Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 26Page - National Semiconductor (TI) CS5535 Datasheet HTML 27Page - National Semiconductor (TI) CS5535 Datasheet HTML 28Page - National Semiconductor (TI) CS5535 Datasheet HTML 29Page - National Semiconductor (TI) CS5535 Datasheet HTML 30Page - National Semiconductor (TI) CS5535 Datasheet HTML 31Page - National Semiconductor (TI) CS5535 Datasheet HTML 32Page - National Semiconductor (TI) CS5535 Datasheet HTML 33Page - National Semiconductor (TI) CS5535 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 555 page
background image
www.national.com
30
Revision 0.8
Signal Definitions (Continued)
6
PIN_OPT_LALL
All LPC Pin Option Selection.
0: All LPC pins become GPIOs including LPC_DRQ# and LPC_SERIRQ.
Ball H3 functions as GPIO22
Ball H2 functions as GPIO16
Ball J2 functions as GPIO17
Ball J1 functions as GPIO18
Ball K1 functions as GPIO19
Ball G1 functions as GPIO20
Ball G2 functions as GPIO21
1: All LPC pins are controlled by the LPC controller except LPC_DRQ# and
LPC_SERIRQ use are determined by bits [5:4]. (Default)
Ball H3 functions as LPC_FRAME#
Ball H2 functions as LPC_AD0
Ball J2 functions as LPC_AD1
Ball J1 functions as LPC_AD2
Ball K1 functions as LPC_AD3
When this bit is low, there is an implied high for LPC_DISABLE_IO and
LPC_DISABLE_MEM in MSR_LEG_IO (DD MSR 51400014h).
5
PIN_OPT_LIRQ
LPC_SERIRQ or GPIO21 Pin Option Selection.
0: Ball G2 is GPIO21.
1: Ball G2 functions as LPC_SERIRQ. (Default)
4
PIN_OPT_LDRQ
LPC_DRQ# or GPIO20 Pin Option Selection.
0: Ball G1 is GPIO20.
1: Ball G2 functions as LPC_DRQ#. (Default)
3:2
PRI_BOOT_LOC
[1:0]
Primary Boot Location. Determines which chip select asserts for addresses at or
above F0000000h. Except those in the range specified by SEC_BOOT_LOC[1:0].
Defaults to the same value as boot option.
00: LPC ROM.
01: Reserved .
10: Flash.
11: FirmWare Hub.
1
RSVD
Reserved. Reads return value written. By convention, always write 0. Defaults low.
0
PIN_OPT_IDE
IDE or Flash Controller Pin Function Selection.
0: All IDE pins associated with Flash Controller. Default if BOS[1:0] = 10.
1: All IDE pins associated with IDE Controller. Default if BOS[1:0] = 00 or 11.
IDE_IRQ0 is multiplexed with GPIO2; therefore, this bit has no affect with regards to
programming IDE_IRQ0.
Table 2-6. DIVIL_BALL_OPT (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com