Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 36Page - National Semiconductor (TI) CS5535 Datasheet HTML 37Page - National Semiconductor (TI) CS5535 Datasheet HTML 38Page - National Semiconductor (TI) CS5535 Datasheet HTML 39Page - National Semiconductor (TI) CS5535 Datasheet HTML 40Page - National Semiconductor (TI) CS5535 Datasheet HTML 41Page - National Semiconductor (TI) CS5535 Datasheet HTML 42Page - National Semiconductor (TI) CS5535 Datasheet HTML 43Page - National Semiconductor (TI) CS5535 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 555 page
background image
www.national.com
40
Revision 0.8
Signal Definitions (Continued)
2.2.6
Low Pin Count (LPC) Interface (Note 1)
Note 1. All the LPC signals, except the LPC_CLK (LPC Clock) are shared on GPIO balls (see Table 2-8 "GPIO Options"
on page 42). The CS5535 powers up with this group of balls set to the LPC mode; in order to use them as GPIOs
they must be explicitly reprogrammed. The LPC may be switched to GPIO use via the Ball Opt MSR (see Table 2-
6 "DIVIL_BALL_OPT" on page 29).
Use RESET_OUT# for LPC reset.
Use any GPIO assigned as a PME for the LPC PME.
Use any GPIO assigned as an SMI for the LPC SMI.
Use general Sleep and Standby controls (SLEEP_X, ball C2 and SLEEP_Y, ball J3) in place of LPCPD# for LPC
power-down.
Signal Name
Ball No.
Type
Description
LPC_CLK
H1
I
LPC Clock. 33 MHz LPC bus shift clock.
LPCAD[3:0]
K1, J1, J2,
H2
I/O
LPC Address/Data Bus. This is the 4-bit LPC bus. Address, control,
and data are transferred on this bus between the CS5535 and LPC
devices.
An external pull-up of 100 k
Ω is required on these balls if is used in
LPC mode to maintain a high level when the signals are in TRI-
STATE. From reset, these signals are not driven.
LPC_AD3 is shared with GPIO19.
LPC_AD2 is shared with GPIO18.
LPC_AD1 is shared with GPIO17.
LPC_AD0 is shared with GPIO16.
See Table 2-8 "GPIO Options" on page 42 for further details.
LPC_DRQ#
G1
I
LPC DMA Request. This is the LPC DMA request signal. Peripherals
requiring service pull it low and then place a serially-encoded
requested channel number on this line to initiate a DMA transfer.
If the device wakes up from Sleep, at least six LPC_CLKs must occur
before this input is asserted.
Shared with GPIO20. See Table 2-8 "GPIO Options" on page 42. Tie
high if selected as LPC_DRQ# but not used.
LPC_SERIRQ
G2
I/O
LPC Encoded IRQ. This is the LPC serial interrupt request line, used
to report ISA-style interrupt requests. It may be activated by either the
CS5535 or an LPC peripheral.
An external pull-up of 100 k
Ω is required if this ball is used in LPC
mode to maintain a high level when the signal is in TRI-STATE. From
reset, this signal is not driven.
If the device wakes up from Sleep, at least six LPC_CLKs must occur
before this input is asserted if operating in Quiet mode.
Shared with GPIO21. See Table 2-8 "GPIO Options" on page 42.
LPC_FRAME#
H3
O
LPC Frame. This signal provides the active-low LPC FRAME signal
used to start and stop transfers on the LPC bus.
Shared with GPIO22. See Table 2-8 "GPIO Options" on page 42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com