Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 27Page - National Semiconductor (TI) CS5535 Datasheet HTML 28Page - National Semiconductor (TI) CS5535 Datasheet HTML 29Page - National Semiconductor (TI) CS5535 Datasheet HTML 30Page - National Semiconductor (TI) CS5535 Datasheet HTML 31Page - National Semiconductor (TI) CS5535 Datasheet HTML 32Page - National Semiconductor (TI) CS5535 Datasheet HTML 33Page - National Semiconductor (TI) CS5535 Datasheet HTML 34Page - National Semiconductor (TI) CS5535 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 555 page
background image
Revision 0.8
31
www.national.com
Signal Definitions (Continued)
2.2
SIGNAL DESCRIPTIONS
Information in the tables that follow may have duplicate information in multiple tables. Multiple references all contain identi-
cal information.
2.2.1
System Interface Signals
Signal Name
Ball No.
Type
Description
MHZ66_CLK
A10
I
66 MHz Clock. This is the main system clock. It is also used by the
IDE interface.
MHZ48_CLK
N17
I
USB Clock. This is the 48 MHz clock for the UARTs and SMB Con-
troller.
MHZ14_CLK
C1
I
14.31818 MHz Timer Clock. This is the input clock for power man-
agement functions and the Programmable Interval Timers (PITs).
KHZ32_XCI
A4
Wire
32 kHz Input. This input is used for the real-time clock (RTC), GPIOs,
MFGPTs, and power management functions.
This input may come from either an external oscillator or one side of a
32.768 kHz crystal. If an external oscillator is used, it should be pow-
ered by VIO_VSB. This signal takes approximately one second to lock
after power-up.
KHZ32_XCO
B3
Wire
32 kHz Input 2. This input is to be connected to the other side of the
crystal oscillator connected to KHZ32_XCI, if used. Leave open (not
connected) if an oscillator (not a crystal) is connected to KHZ32_XCI.
RESET_WORK#
C6
I
Reset Working Power Domain. This signal, when asserted, is the
master reset for all CS5535 interfaces that are in the Working power
domain. See Section 3.9 "Power Management" on page 72 for a
description of the Working power domain.
RESET_WORK# must be asserted for at least 10 ns in order to be
properly recognized.
If LVD_EN# is enabled (tied low) use of this input is not required. See
the LVD_EN# signal description for further details.
RESET_STAND#
B8
I
Reset Standby Power Domain. This signal, when asserted, is the
master reset for all CS5535 interfaces that are in the Standby power
domain. See Section 3.9 "Power Management" on page 72 for a
description of the Standby power domain.
If LVD_EN# is enabled (tied low) use of this input is not required. See
the LVD_EN# discussion in this table.
Tie directly to VIO_VSB if not used.
RESET_OUT#
A5
O
Reset Output. This is the main system reset signal. RESET_OUT# is
de-asserted synchronously with the low-to-high edge of PCI_CLK.
The de-assertion is delayed from internal reset by up to 32 seconds,
with an 8 ms default value, using a programmable counter driven by
the 32 kHz clock. Note this counter default is established by
RESET_STAND# and is not affected by RESET_WORK#. Therefore,
the delay value may be changed and the system reset with the new
value.
WORKING
C5
O
Working State. Indicates the chip is in the Working state when high.
This signal is intended to be used to control power to off-chip devices
in a system. Open-drain. External pull-up required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com