Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 63Page - National Semiconductor (TI) CS5535 Datasheet HTML 64Page - National Semiconductor (TI) CS5535 Datasheet HTML 65Page - National Semiconductor (TI) CS5535 Datasheet HTML 66Page - National Semiconductor (TI) CS5535 Datasheet HTML 67Page - National Semiconductor (TI) CS5535 Datasheet HTML 68Page - National Semiconductor (TI) CS5535 Datasheet HTML 69Page - National Semiconductor (TI) CS5535 Datasheet HTML 70Page - National Semiconductor (TI) CS5535 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 555 page
background image
Revision 0.8
67
www.national.com
Global Concepts and Features (Continued)
3.8
STANDARD GEODELINK DEVICE MSRS
All GeodeLink Devices have the following Standard MSRs
and are always located at the addresses indicated below
from the base address given in Table 3-2 "CS5535 MSR
Addresses from GX2 Processor" on page 54:
• MSR Address 0: GeodeLink Device Capabilities
(GLD_MSR_CAP)
• MSR Address 1: GeodeLink Device Master Configura-
tion (and GLA Prefetch) (GLD_MSR_CONFIG)
• MSR Address 2: GeodeLink Device System Manage-
ment Interrupt Control (GLD_MSR_SMI)
• MSR Address 3: GeodeLink Device Error Control
(GLD_MSR_ERROR)
• MSR Address 4: GeodeLink Device Power Management
(GLD_MSR_PM)
• MSR Address 5: GeodeLink Device Diagnostic MSR
(GLD_MSR_DIAG) (This register is reserved for internal
use by National and should not be written to.)
3.8.1
MSR Address 0: Capabilities
The Capabilities MSR (GLD_MSR_CAP) is read only and
provides identification information as illustrated Table 3-7.
3.8.2
MSR Address 1: Master Configuration
The defined fields in the GeodeLink Device Master Config-
uration MSR (GLD_MSR_CONF) vary depending upon the
device. Refer to the appropriate GeodeLink Device register
chapter starting in Section 5.0 "Register Descriptions" on
page 184.
3.8.3
MSR Address 2: SMI Control
Each GeodeLink Device within the CS5535 incorporates
System Management Interrupts (SMIs). These SMIs are
controlled via the Standard GLD_MSR_SMI located at
MSR Address 2 within each GLD (see Table 3-8). The
lower 32 bits of this register contain Enable (EN) bits, while
the upper 32 bits contain Flag (FLAG) bits. The EN and
FLAG bits are organized in pairs of (n, n+32). For example:
(0,32); (1,33); (2,34); etc. The GLD_MSR_SMI is used to
control and report events.
An event is any action or occurrence within the GeodeLink
Device requiring processor attention. The FLAG bits are
status bits that record events. The EN bits enable events to
be recorded. An EN bit must be 1 for an event to be
recorded (with the exception of the GLUI and the GLCP -
the EN bit must be 0 for an event to be recorded). When an
event is recorded, the associated FLAG bit is set to a 1.
SMI events are of two types: Asynchronous SMI (ASMI)
and Synchronous SMI (SSMI).
Table 3-7. GLD_MSR_CAP Bit Descriptions
Bit
Name
Description
63:24
RSVD
Reserved. Reads as 0.
23:8
DEV_ID
Device ID. Identifies the module.
7:0
REV_ID
Revision ID. Identifies the module revision.
Table 3-8. Standard GLD_MSR_SMI Format
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com