Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 81 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 81 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 77Page - National Semiconductor (TI) CS5535 Datasheet HTML 78Page - National Semiconductor (TI) CS5535 Datasheet HTML 79Page - National Semiconductor (TI) CS5535 Datasheet HTML 80Page - National Semiconductor (TI) CS5535 Datasheet HTML 81Page - National Semiconductor (TI) CS5535 Datasheet HTML 82Page - National Semiconductor (TI) CS5535 Datasheet HTML 83Page - National Semiconductor (TI) CS5535 Datasheet HTML 84Page - National Semiconductor (TI) CS5535 Datasheet HTML 85Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 555 page
background image
www.national.com
81
Revision 0.8
4.3
AC97 AUDIO CODEC CONTROLLER
The primary purpose of the AC97 Audio Codec Controller
(ACC) is to stream data between system memory and an
AC97 codec (or codecs) using direct memory access
(DMA). The AC97 codec supports several channels of digi-
tal audio input and output. Hence, the ACC contains sev-
eral bus mastering DMA engines to support these
channels. This method off-loads the CPU, improving sys-
tem performance. The ACC is connected to the system
through the GLIU and all accesses to and from system
memory go through the GLIU. The AC97 codec is con-
nected with a serial interface, and all communication with
the codec occurs via that interface (see Figure 4-3).
Features include:
• AC97 version 2.1 compliant interface to codecs: serial in
(x2), serial out, sync out, and bit clock in.
• Eight-channel buffered GLIU mastering interface.
• Support for industry standard 16-bit pulse code modu-
lated (PCM) audio format.
• Support for any AC97 codec with Sample Rate Conver-
sion (SRC).
• Transport for audio data to and from the system memory
and AC97 codec.
• Capable of outputting multi-channel 5.1 surround sound
(Left, Center, Right, Left Rear, Right Rear, and
Low Frequency Effects).
Hardware Includes:
• GeodeLink Adapter.
• Three 32-bit stereo-buffered bus masters (two for output,
one for input).
• Five 16-bit mono-buffered bus masters (three for output,
two for input).
• AC Link Control block for interfacing with external AC97
codec(s).
The ACC logic controls the traffic to and from the AC97
codec. For input channels, serial data from the codec is
buffered and written to system memory using DMA. For
output channels, software-processed data is read from sys-
tem memory and streamed out serially to the codec.
Figure 4-3. ACC Block Diagram
GLIU Data In
GLIU Data Out
GeodeLink Adaptor (GLA)
Output
Data
Mux
Registers / Control
To/From Codec
Control Signals to Bus Masters
GLCP I/F
Bus Master 0
Bus Master 1
Bus Master 2
Bus Master 3
Bus Master 4
Bus Master 5
Bus Master 6
Bus Master 7
CCU
GL Clock
CCU
LBus Clock
CCU
AC Link
Bit Clock
AC
Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com