Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 62Page - National Semiconductor (TI) CS5535 Datasheet HTML 63Page - National Semiconductor (TI) CS5535 Datasheet HTML 64Page - National Semiconductor (TI) CS5535 Datasheet HTML 65Page - National Semiconductor (TI) CS5535 Datasheet HTML 66Page - National Semiconductor (TI) CS5535 Datasheet HTML 67Page - National Semiconductor (TI) CS5535 Datasheet HTML 68Page - National Semiconductor (TI) CS5535 Datasheet HTML 69Page - National Semiconductor (TI) CS5535 Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 555 page
background image
www.national.com
66
Revision 0.8
Global Concepts and Features (Continued)
487h
DMA Channel 0 High Page
8-bit
Rec
Upper addr bits [31:24]. Write LPC
and DMA. Read only DMA.
488h
No Specific Usage
8-bit
WO
Write LPC and DMA. Read only
DMA.
489h
DMA Channel 6 High Page
8-bit
Rec
Upper addr bits [31:24]. Write LPC
and DMA. Read only DMA.
48Ah
DMA Channel 7 High Page
48Bh
DMA Channel 5 High Page
48Ch-48Eh
No Specific Usage
8-bit
WO
Write LPC and DMA. Read only
DMA.
48Fh
DMA Channel 4 High Page
8-bit
Rec
Upper addr bits [31:24]. Write LPC
and DMA. Read only DMA.
490h-4CFh
No Specific Usage
---
---
4D0h
PIC Level/Edge
8-bit
Yes
IRQ0-IRQ 7.
4D1h
PIC Level/Edge
8-bit
Yes
IRQ8-IRQ15.
4D2h-4FFh
No Specific Usage
---
---
Note 1. The Diverse Device snoops writes to this port and maintains the MSB as NMI enable. When low, NMI is enabled.
When high, NMI is disabled. This bit defaults high. Reads of this port return bits [6:0] from the on-chip or off-chip
target, while bit 7 is returned from the “maintained” value.
Table 3-6. Legacy I/O: 000h-4FFh (Continued)
I/O Addr.
Function
Size
R/W
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com