Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 61Page - National Semiconductor (TI) CS5535 Datasheet HTML 62Page - National Semiconductor (TI) CS5535 Datasheet HTML 63Page - National Semiconductor (TI) CS5535 Datasheet HTML 64Page - National Semiconductor (TI) CS5535 Datasheet HTML 65Page - National Semiconductor (TI) CS5535 Datasheet HTML 66Page - National Semiconductor (TI) CS5535 Datasheet HTML 67Page - National Semiconductor (TI) CS5535 Datasheet HTML 68Page - National Semiconductor (TI) CS5535 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 555 page
background image
Revision 0.8
65
www.national.com
Global Concepts and Features (Continued)
0E0h-2E7h
No Specific Usage
---
---
2E8h-2EFh
UART/IR - COM4
8-bit
---
MSR bit enables/disables into I/O
space.(UART1 MSR
51400014h[18:16], UART2 MSR
51400014h[22:20]). Defaults to LPC.
2F0h-2F7h
No Specific Usage
---
---
2F8h-2FFh
UART/IR - COM2
8-bit
---
MSR bit enables/disables into I/O
space.(UART1 MSR
51400014h[18:16], UART2 MSR
51400014h[22:20]). Defaults to LPC.
300h-36Fh
No Specific Usage
---
---
370h
Floppy Status R A
8-bit
RO
Second Floppy.
371h
Floppy Status R B
8-bit
RO
Second Floppy.
372h
Floppy Digital Out
8-bit
Shw@
Second Floppy.
373h
No Specific Usage
8-bit
---
374h
Floppy Cntrl Status
8-bit
RO
Second Floppy.
375h
Floppy Data
8-bit
Yes
Second Floppy.
376h
No Specific Usage
8-bit
---
377h
Floppy Conf Reg
8-bit
Shw$
Second Floppy.
378h-3E7h
No Specific Usage
---
---
3E8h-3EFh
UART/IR - COM3
8-bit
---
MSR bit enables/disables into I/O
space.(UART1 MSR
51400014h[18:16], UART2 MSR
51400014h[22:20]). Defaults to LPC.
3F0h
Floppy Status R A
8-bit
RO
First Floppy.
3F1h
Floppy Status R B
8-bit
RO
First Floppy.
3F2h
Floppy Digital Out
8-bit
Shw@
First Floppy.
3F3h
No Specific Usage
8-bit
---
3F4h
Floppy Cntrl Status
8-bit
RO
First Floppy.
3F5h
Floppy Data
8-bit
Yes
First Floppy.
3F6h
No Specific Usage
8-bit
---
3F7h
Floppy Conf Reg
8-bit
Shw$
First Floppy.
3F8h-3FFh
UART/IR - COM1
8-bit
---
MSR bit enables/disables into I/O
space.(UART1 MSR
51400014h[18:16], UART2 MSR
51400014h[22:20]). Defaults to LPC.
400h-47Fh
No Specific Usage
---
---
480h
No Specific Usage
8-bit
WO
Write LPC and DMA. Read only
DMA.
481h
DMA Channel 2 High Page
8-bit
Rec
Upper addr bits [31:24]. Write LPC
and DMA. Read only DMA.
482h
DMA Channel 3 High Page
483h
DMA Channel 1 High Page
484h-486h
No Specific Usage
8-bit
WO
Write LPC and DMA. Read only
DMA.
Table 3-6. Legacy I/O: 000h-4FFh (Continued)
I/O Addr.
Function
Size
R/W
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com