Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 90Page - National Semiconductor (TI) CS5535 Datasheet HTML 91Page - National Semiconductor (TI) CS5535 Datasheet HTML 92Page - National Semiconductor (TI) CS5535 Datasheet HTML 93Page - National Semiconductor (TI) CS5535 Datasheet HTML 94Page - National Semiconductor (TI) CS5535 Datasheet HTML 95Page - National Semiconductor (TI) CS5535 Datasheet HTML 96Page - National Semiconductor (TI) CS5535 Datasheet HTML 97Page - National Semiconductor (TI) CS5535 Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 555 page
background image
www.national.com
94
Revision 0.8
4.5
UNIVERSAL SERIAL BUS CONTROLLER
The two Universal Serial Bus Controllers (USBC) each
contain a GeodeLink Adapter, PCI Adapter, and USB Core
blocks. The functional descriptions of the blocks are
described in the following sub-sections.
4.5.1
GeodeLink Adapter
The GeodeLink Adapter (GLA) translates GeodeLink trans-
actions to/from Local bus transactions. The GLA interfaces
to a 64-bit GLIU (GeodeLink Interface Unit) and a 32-bit
Local bus. The GLA supports in-bound memory and I/O
requests which are converted by the PCI Adapter (PA) into
PCI memory and I/O requests that target the USBC. It also
supports in-bound MSR transactions to the MSRs. These
are located “between” the GLA and PA. Lastly, there is a
special MSR used to pass PCI configuration requests to
the PA. The GLA supports out-bound memory requests
only. I/O and MSR transactions from the USBC never
occur. USBC PCI master requests are converted by the PA
into Local bus master requests. These requests may con-
sist of a simple 4-byte read or write. Alternatively, a PCI
burst transaction of any length may be converted to an
appropriate series of GLIU transactions by the GLA. Lastly,
the GLA synchronizes GLIU transactions at the GLIU clock
to the slower Local bus transaction at Local bus clock.
4.5.2
PCI Adapter
The PCI Adapter translates PCI signals to a specific Local
bus transaction that is attached to the GLA, while the PCI
signals are connected directly to a compatible PCI device.
It also translates the Local bus transactions to PCI transac-
tions.
4.5.3
USB Core
The USB Core is a PCI-based implementation of the Uni-
versal Serial Bus (USB) v1.1 Specification utilizing the
Open Host Controller Interface (OHCI) standard developed
by Compaq, Microsoft, and National Semiconductor. The
USB Core consists of the following three blocks:
• Host Controller
• USB Interface
• PCI Interface
The USB Core block diagram is shown in Figure 4-8.
Figure 4-8. USB Core Block Diagram
USB Port 1
Port 1
Port 2
Root
Hub
Control
SIE
USB Port 2
Data Buffer
Clock
Generator
Bus
Master
List
Processor
Interrupts
Frame Mgmnt
PCI I/O
PCI Slave
PCI Config
PCI Master
PCI
Host Controller
USB
Interface
Interface
Embedded PCI Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com