Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 69Page - National Semiconductor (TI) CS5535 Datasheet HTML 70Page - National Semiconductor (TI) CS5535 Datasheet HTML 71Page - National Semiconductor (TI) CS5535 Datasheet HTML 72Page - National Semiconductor (TI) CS5535 Datasheet HTML 73Page - National Semiconductor (TI) CS5535 Datasheet HTML 74Page - National Semiconductor (TI) CS5535 Datasheet HTML 75Page - National Semiconductor (TI) CS5535 Datasheet HTML 76Page - National Semiconductor (TI) CS5535 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 555 page
background image
Revision 0.8
73
www.national.com
Global Concepts and Features (Continued)
• Power Management Controller (PMC) Standby
Controller and associated I/O consisting of: WORKING,
WORK_AUX, and RESET_OUT.
• PMC Standby registers starting at PMS I/O Offset 30h.
See Table 5-68 "PM Support Registers Summary" on
page 478.
RTC domain
• Real Time Clock
3.9.2
ACPI Power Management
ACPI power management is a standardized method to
manage power. An overview of the standard is presented
here. See Section 4.17 "Power Management Control" on
page 159 for a more complete discussion of ACPI support
in the CS5535. See ACPI specification v2.0 for complete
details on ACPI. A GX2/CS5535 system solution can fully
support all the requirements in the ACPI specification.
ACPI defines power states from a system perspective
down to a device perspective. There are four global system
states: G0 through G3. As a subset of the Global system
states G0-G2 there are six Sleep states: S0 through S5.
Within the sleep states S0-S1 there are five CPU states:
C0-C3 and CT, and three Device states: D0-D2. In a
GX2/CS5535 system design, the optional Sleep state S2,
and the CPU states C3 and CT (CPU Throttling) are not
supported. See Table 4-34 "Supported ACPI Power Man-
agement States" on page 159“. Table 4-34 shows how the
ACPI power states relate to each other. The table also
shows the condition of the power domains and the logic
within those domains with respect to the ACPI power
states.
3.9.3
APM Power Management
Some systems rely solely on an APM (Advanced Power
Management) driver for enabling the operating system to
power-manage the CPU. APM provides several services
which enhance the system power management. It is a rea-
sonable approach to power management but APM has
some limitations:
• APM is an OS-specific driver, and may not be available
for some operating systems.
• Application support is inconsistent. Some applications in
foreground may prevent Idle calls.
• APM does not help with Suspend determination or
peripheral power management.
3.10 COMPONENT REVISION ID
The revision ID number of the CS5535 may be read in any
of the following places. All return the same value:
1)
GLCP_CHIP_REV_ID register: MSR 51700017h[7:0].
2)
PCI Configuration Space Device Revision ID:
PCI Index 08h[15:0].
3)
TAP Controller Revision register:
Instruction 8FFFFAh[7:0].
The revision is an 8-bit value. Bits [7:4] indicate major revi-
sions while bits [3:0] indicate minor revisions. For example:
0x11
A1
Value assigned to first manufactured
silicon of any new product.
0x12
A2
Minor update to first silicon.
0x21
B1
Major change to first silicon.
For listing of updates, refer to the document entitled Geode
CS5535 I/O Companion Device Errata.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com