Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 79Page - National Semiconductor (TI) CS5535 Datasheet HTML 80Page - National Semiconductor (TI) CS5535 Datasheet HTML 81Page - National Semiconductor (TI) CS5535 Datasheet HTML 82Page - National Semiconductor (TI) CS5535 Datasheet HTML 83Page - National Semiconductor (TI) CS5535 Datasheet HTML 84Page - National Semiconductor (TI) CS5535 Datasheet HTML 85Page - National Semiconductor (TI) CS5535 Datasheet HTML 86Page - National Semiconductor (TI) CS5535 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 555 page
background image
ACC Functional Description (Continued)
www.national.com
83
Revision 0.8
4.3.4
Codec Interface
4.3.4.1
AC Link Serial Interface Protocol
The following figures outline the slot definitions and timing scheme of the AC Link serial protocol.
Figure 4-4. AC Link Slot Scheme
Figure 4-5. AC Link Output Frame
Figure 4-6. AC Link Input Frame
TAG
CMD
PCM
PCM
LINE1
PCM
PCM
PCM
PCM
RSVD
HSET
GPIO
AC_S_SYNC
AC_S_OUT
(Outgoing Stream)
AC_S_IN
Data Phase
TAG
ADDR
CMD
DATA
LEFT RIGHT
DAC
CEN
L SUR R SUR
LFE
DAC
CNTL
TAG
STATUS
PCM
PCM
LINE1
MIC
RSVD
HSET
GPIO
ADDR
STATUS
DATA
LEFT RIGHT
ADC
ADC
ACD STATUS
or AC_S_IN2
(Incoming Stream)
RSVD RSVD RSVD
01234
5
6789
10
11
12
Slot #
Phase
Valid
Frame
Slot 1 Slot 2
Slot 12
End of
AC_CLK
AC_S_SYNC
Time slot “valid” bits
(“1” = Time slot contains valid PCM data)
Slot 1
Slot 2
Slot 3
Slot 12
Tag Phase
Data Phase
48 kHz (20.8 µs)
12.288 MHz (81.4 ns)
AC_S_OUT
“0”
“0”
“0”
19
0
19
19
019
00
Slot 3
Previous Frame
Codec
Ready
Slot 1 Slot 2
Slot 12
End of
Time slot “valid” bits
(“1” = Time slot contains valid PCM data)
Slot 1
Slot 2
Slot 3
Slot 12
AC_S_IN or AC_S_IN2
“0”
“0”
“0”
“19”
0
19
0
19
0
19
0
AC_CLK
AC_S_SYNC
Tag Phase
Data Phase
48 kHz (20.8 µs)
12.288 MHz (81.4 ns)
Previous Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com