Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 31Page - National Semiconductor (TI) CS5535 Datasheet HTML 32Page - National Semiconductor (TI) CS5535 Datasheet HTML 33Page - National Semiconductor (TI) CS5535 Datasheet HTML 34Page - National Semiconductor (TI) CS5535 Datasheet HTML 35Page - National Semiconductor (TI) CS5535 Datasheet HTML 36Page - National Semiconductor (TI) CS5535 Datasheet HTML 37Page - National Semiconductor (TI) CS5535 Datasheet HTML 38Page - National Semiconductor (TI) CS5535 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 555 page
background image
Revision 0.8
35
www.national.com
Signal Definitions (Continued)
2.2.3
IDE/Flash Interface Signals
The IDE and Flash interface signals are multiplexed together on the same balls as shown in Table 2-7. Section 2.2.3.1 pro-
vides the names and functions of these signals when the interface is in the IDE mode and Section 2.2.3.2 when in Flash
mode (NOR Flash/GPCS and NAND Flash modes).
Table 2-7. IDE and Flash Ball Multiplexing
Ball No.
IDE Mode
NOR Flash/GPCS Mode
NAND Flash Mode
Address Phase
Data Phase
B11, A12
IDE_AD[2:1]
FLASH_AD[27:26]
FLASH_AD[2:1]
---
A11
IDE_AD0
FLASH_AD25
FLASH_AD0
FLASH_CLE
B15, B16, A17, C17,
D16, D17, E17
IDE_DATA[14:8]
FLASH_AD[24:18]
FLASH_AD[9:3]
---
E16, E15, D15, B17,
C16, C15, A15, B14
IDE_DATA[7:0]
FLASH_AD[17:10]
FLASH_IO[7:0]
FLASH_IO[7:0]
C14
IDE_DATA15
FLASH_ALE
FLASH_ALE
B10
IDE_CS0#
FLASH_CS0#
FLASH_CE0#
C10
IDE_CS1#
FLASH_CS1#
FLASH_CE1#
B13
IDE_IOR0#
FLASH_RE#
FLASH_RE#
C13
IDE_IOW0#
FLASH_WE#
FLASH_WE#
A14 (Note 1)
Note 1.
Ball A14 is the only ball that changes direction from IDE to Flash (input when in IDE mode, output when in Flash
mode). If this interface is to be switched between IDE and Flash modes, then ball A14 needs an external pull-up to
keep it high during IDE mode.
IDE_DREQ0
FLASH_CS2#
FLASH_CE2#
C12
IDE_DACK0#
FLASH_CS3# (Boot Flash Chip Select)
FLASH_CE3#
A13
IDE_RDY0
FLASH_IOCHRDY
FLASH_RDY/BUSY#
2.2.3.1
IDE Interface Signals
Signal Name
Ball No.
Type
Description
IDE_IRQ0
B12
I
IDE Interrupt Request Channel 0. This signal is required for all IDE
applications that use IDE DMA modes. It is available on GPIO2, which
must be configured in the AUX_IN mode. If an IDE application will not
use IDE DMA modes, or if the Flash interface will be used instead of
the IDE interface, then this signal may be used as GPIO2.
IDE_RESET#
F15
O
IDE Reset. An internal reset that is the functional “OR” of inputs
RESET_WORK# and RESET_STAND#. It may also be controlled
directly via an MSR (see Section 5.4.2.2 "Reset Decode
(ATAC_RESET)" on page 254). This signal resets all the devices that
are attached to the IDE interface.
IDE_AD[2:0]
B11, A12,
A11
O
IDE Address Bits. These address bits are used to access a register
or data port in a device on the IDE bus.
IDE_DATA[15:0]
C14, B15,
B16, A17,
C17, D16,
D17, E17,
E16, E15,
D15, B17,
C16, C15,
A15, B14
I/O
IDE Data Lines. IDE_DATA[15:0] transfers data to/from the IDE
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com