Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 38Page - National Semiconductor (TI) CS5535 Datasheet HTML 39Page - National Semiconductor (TI) CS5535 Datasheet HTML 40Page - National Semiconductor (TI) CS5535 Datasheet HTML 41Page - National Semiconductor (TI) CS5535 Datasheet HTML 42Page - National Semiconductor (TI) CS5535 Datasheet HTML 43Page - National Semiconductor (TI) CS5535 Datasheet HTML 44Page - National Semiconductor (TI) CS5535 Datasheet HTML 45Page - National Semiconductor (TI) CS5535 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 555 page
background image
www.national.com
42
Revision 0.8
Signal Definitions (Continued)
2.2.8
GPIOs
Table 2-8 gives the dedicated functions associated with each GPIO. These functions may be invoked by configuring the
associated GPIO to the AUX_IN, AUX_OUT_1, or AUX_OUT_2 modes. (The functions themselves are described in Table
2-9 "GPIOx Available Functions Descriptions" on page 44.) The column “Recommended Use” is a guideline for system
designers to assign GPIO functionality. Any GPIO input can be mapped to an interrupt, ASMI, or PME. Details of configur-
ing the GPIOs are given in Section 5.16 "GPIO Subsystem Register Descriptions" on page 432. All GPIOs have selectable
pull-up or pull-down resistors available on the output, except for those indicated by Note 1 in the “Weak PU/PD” column of
Table 2-8.
Table 2-8. GPIO Options
GPIO
Ball
No.
Power
Domain
Buffer
Type
Post Reset
Recommended
Use
Function Programming Options
Weak
PU/PD
I/O Config
AUX_IN
AUX_OUT_1
AUX_OUT_2
GPIO0
R2
W
PCI
(Note 1)
Note 1.
No internal pull-up/down available. If not used, tie low.
Disabled
PCI_INTA#
(Note 2)
Note 2.
Any GPIO can be used as an interrupt input without restriction. These particular GPIOs have PCI I/O buffer types for complete
PCI bus compatibility. However, such strict compatibility is generally not required.
GPIO1
K3
W
Q7
PU
Disabled
---
AC_BEEP
MFGPT0_C2
GPIO2
B12
W
IDE
(Note 1)
Disabled
---
IDE_IRQ0
GPIO3
E1
W
SMB
(Note 1)
Disabled
DDC_SCL
(Note 3)
UART2 RX
GPIO4
E2
W
SMB
(Note 1)
Disabled
DDC_SDA
(Note 3)
UART2 TX
GPIO5
D3
W
Q7
Auto-
sense
Disabled
---
MFGPT1_RS
MFGPT0_C1
GPIO6
D2
W
Q7
Auto-
sense
Disabled
---
MFGPT0_RS
MFGPT1_C1
MFGPT2_C2
GPIO7
C2
W
PCI
(Note 1)
Disabled
PCI_INTB#
(Note 2)
MFGPT2_C1
SLEEP_X
GPIO8
E3
W
Q7
PU
Disabled
---
UART1_TX
UART1_IR_TX
GPIO9
D1
W
Q7
PU
Disabled
---
UART1_RX or
UART1_IR_RX
GPIO10
C3
W
Q7
PU
Disabled
--- (Note 4)
THRM_ALRM#
GPIO11
A1
W
Q7
PU
Disabled
---
SLP_CLK_EN#
MFGPT1_C2
GPIO12
J3
W
Q7
PD
Disabled
---
AC_S_IN2
SLEEP_Y
GPIO13
F2
W
Q7
PU
Disabled
--- (Note 4)
SLEEP_BUT
GPIO14
G3
W
SMB
(Note 1)
Disabled
--- (Note 5)
SMB_CLK_IN
SMB_CLK_OUT
GPIO15
F1
W
SMB
(Note 1)
Disabled
--- (Note 5)
SMB_DATA_IN
SMB_DATA_OUT
GPIO16
H2
W
PCI
(Note 1) LPC (Note 6)
LPC_AD0
GPIO17
J2
W
PCI
(Note 1)
LPC (Note 6)
LPC_AD1
GPIO18
J1
W
PCI
(Note 1)
LPC (Note 6)
LPC_AD2
GPIO19
K1
W
PCI
(Note 1)
LPC (Note 6)
LPC_AD3
GPIO20
G1
W
PCI
(Note 1)
LPC (Note 6)
LPC_DRQ#
GPIO21
G2
W
PCI
(Note 1)
LPC (Note 6)
LPC_SERIRQ
MFGPT2_RS
GPIO22
H3
W
PCI
(Note 1)
LPC (Note 6)
LPC_FRAME#
GPIO24
C9
S
SMB
(Note 1)
Disabled
---
WORK_AUX
GPIO25
A9
S
Q7
Disabled
---
LOW_BAT#
MFGPT7_C2
GPIO26
B7
S
Q7
Disabled
PME# (Note 7)
MFGPT7_RS
GPIO27
C8
S
Q7
Disabled
---
MFGPT7_C1
32KHZ
GPIO28
A8
S
Q7
Input Enabled
(Note 8)
PWR_BUT#
(Note 9)
PWR_BUT#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com