Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 91Page - National Semiconductor (TI) CS5535 Datasheet HTML 92Page - National Semiconductor (TI) CS5535 Datasheet HTML 93Page - National Semiconductor (TI) CS5535 Datasheet HTML 94Page - National Semiconductor (TI) CS5535 Datasheet HTML 95Page - National Semiconductor (TI) CS5535 Datasheet HTML 96Page - National Semiconductor (TI) CS5535 Datasheet HTML 97Page - National Semiconductor (TI) CS5535 Datasheet HTML 98Page - National Semiconductor (TI) CS5535 Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 555 page
background image
Revision 0.8
95
www.national.com
USBC Functional Description (Continued)
4.5.4
Host Controller
The USB host interacts with USB devices through the Host
Controller. The host is responsible for:
• Detecting the attachment and removal of USB devices.
• Managing control flow between the host and USB
devices.
• Managing data flow between the host and USB devices.
• Collecting status and activity statistics.
• Providing power to attached USB devices.
The USB system software on the host manages interac-
tions between USB devices and host-based device soft-
ware. There are five areas of interactions between the USB
system software and device software:
1)
Device enumeration and configuration.
2)
Isochronous data transfers.
3)
Asynchronous data transfers.
4)
Power management.
5)
Device and bus management information.
Whenever possible, the USB system software uses existing
host system interfaces to manage the above interactions.
The OHCI specification for the Universal Serial Bus is a
register-level description of a host controller for the Univer-
sal Serial Bus, which in turn is described by the Universal
Serial Bus specification. OHCI allows multiple host control-
ler vendors to design and sell host controllers with a com-
mon software interface, freeing them from the burden of
writing and distributing software drivers. The design goal
has been to balance the complexity of the hardware and
software so that OHCI is more than the simplest possible
host controller for USB yet not the most complex possible.
The Host Controller has four USB states visible to the host
controller driver via the operational registers: USBOPERA-
TIONAL
, USBRESET, USBSUSPEND, and USBRESUME. These
states define the Host Controller responsibilities relating to
USB signaling and bus states. The USB states are
reflected in the HostControllerFunctionalState field of the
HcControl register. The Host Controller may only perform a
single state transition. During a remote wakeup event, the
Host Controller may transition from USBSUSPEND to
USBRESUME. The Host Controller interface registers are
PCI memory mapped I/O. The functional state machine
(FSM) is shown in Figure 4-9.
4.5.5
USB Interface
The USB Interface includes the integrated Root Hub with
two external ports, Port 1 and Port 2, as well as the Serial
Interface Engine (SIE) and USB clock generator. The inter-
face combines responsibility for executing bus transactions
requested by the Host Controller as well as the hub and
port management specified by USB.
Figure 4-9. USB Host Controller FSM
USBSUSPEND
USBRESUME
USBOPERATIONAL
USBRESET
USBRESET WRITE
USBOPERATIONAL WRITE
USBRESET WRITE
USBOPERATIONAL WRITE
USBSUSPEND WRITE
USBRESUME WRITE
or
REMOTE WAKEUP
USBRESET WRITE
HARDWARE
RESET
SOFTWARE RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com